Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4831.2300 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4831.2300
Description  4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4831.2300 Datasheet(HTML) 1 Page - Schurter Inc.

  4831.2300 Datasheet HTML 1Page - Schurter Inc. 4831.2300 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Audio Plug/Sockets
4831.1320
www.schurter.com /PG12
Appliance inlet
4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
Description
- Solder terminal :
for cable mounting
- Audio entrances and exits
- Data and Signal transfer
- Audio Plug: 3-pole , insulated , angled
References
Alternative: Housing shielded 4831.1300
Technical Data
Diameter
2.5 mm
Number of Poles
3-pole
Ratings DC
0.5 A / 30 VDC
Ratings AC
0.5 A / 30 VAC
Dielectric Strength
500 VDC
Insulation Resistance
> 100 M
Ω␣ @ 500VDC
Allowable Operation Temp.
-20 °C to 70 °C
Terminal
solder terminal nickel-plated
Housings
insulated
Style
angled
Lifetime
5000 Insertions
Dimensions
10.0
11.0
12.0
ø 4.0
1.0
Cable diameter max. 4.0 mm
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
Audio Plug/Sockets
2.5
3-pole
solder terminal
4831.1320
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs


Similar Part No. - 4831.2300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4831.2300 SCHURTER-4831.2300 Datasheet
216Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.2300 SCHURTER-4831.2300 Datasheet
271Kb / 2P
   4831, solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.2300 SCHURTER-4831.2300 Datasheet
272Kb / 2P
   4831, solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.2300 SCHURTER-4831.2300 Datasheet
229Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.2300 SCHURTER-4831.2300 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
More results

Similar Description - 4831.2300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4831.1310 SCHURTER-4831.1310_17 Datasheet
217Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1310 SCHURTER-4831.1310 Datasheet
216Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300 Datasheet
274Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1320 SCHURTER-4831.1320_17 Datasheet
211Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300_17 Datasheet
275Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1220 SCHURTER-4831.1220 Datasheet
212Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1210 SCHURTER-4831.1210_17 Datasheet
218Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1220 SCHURTER-4831.1220_17 Datasheet
213Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.3200 SCHURTER-4831.3200_17 Datasheet
273Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.3200 SCHURTER-4831.3200 Datasheet
272Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com