Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4802.2310 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4802.2310
Description  4802, Plug, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4802.2310 Datasheet(HTML) 1 Page - Schurter Inc.

  4802.2310 Datasheet HTML 1Page - Schurter Inc. 4802.2310 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data and Signal Plug/Socket
4802.1310
www.schurter.com /PG12
Appliance inlet
4802, Plug, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
Description
- Solder terminal :
for cable mounting
- Data and Signal transfer
- Data and Signal Connectors 3-pole , insulated , straight
References
Alternative: Housing shielded 4802.1300
Technical Data
Diameter
3.5 mm
Number of Poles
3-pole
Ratings DC
1 A / 12 VDC
Ratings AC
1 A / 12 VAC
Dielectric Strength
500 VDC
Insulation Resistance
> 10000 M
Ω␣ @ 500VDC
Allowable Operation Temp.
-20 °C to 70 °C
Terminal
solder terminal
Housings
insulated
Style
straight
Lifetime
10000 Insertions
Dimensions
14.7
12.0
18.6
21.1
Ø 3.5
Ø 10.5
Ø 4.7
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
Data and Signal Plug/
Sockets
3.5
3-pole
solder terminal
4802.1310
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs


Similar Part No. - 4802.2310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4802.2310 SCHURTER-4802.2310 Datasheet
219Kb / 2P
   4802, Plug, solder terminal, screened, 3.5 mm, 3-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310 Datasheet
276Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310 Datasheet
286Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310 Datasheet
288Kb / 2P
   , Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310_17 Datasheet
276Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
More results

Similar Description - 4802.2310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4802.1310 SCHURTER-4802.1310_17 Datasheet
220Kb / 2P
   4802, Plug, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.1310 SCHURTER-4802.1310_18 Datasheet
230Kb / 2P
   4802, Plug, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.1210 SCHURTER-4802.1210 Datasheet
171Kb / 1P
   4802, Plug, solder terminal, insulated, 3.5 mm, 2-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310_17 Datasheet
276Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.2310 SCHURTER-4802.2310_18 Datasheet
286Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
4802.1300 SCHURTER-4802.1300_17 Datasheet
220Kb / 2P
   4802, Plug, solder terminal, screened, 3.5 mm, 3-pole, straight, UK-Connector
4802.1300 SCHURTER-4802.1300_18 Datasheet
230Kb / 2P
   4802, Plug, solder terminal, screened, 3.5 mm, 3-pole, straight, UK-Connector
4802.1300 SCHURTER-4802.1300 Datasheet
219Kb / 2P
   4802, Plug, solder terminal, screened, 3.5 mm, 3-pole, straight, UK-Connector
4802.2210 SCHURTER-4802.2210 Datasheet
264Kb / 2P
   4802, Socket, solder terminal, insulated, 3.5 mm, 2-pole, straight, UK-Connector
27.03.2017
4802.1310 SCHURTER-4802.1310_V02 Datasheet
232Kb / 2P
   , Plug, solder terminal, insulated, 3.5 mm, 3-pole, straight, UK-Connector
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com