Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS810A1LDV50 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS810A1LDV50
Description  Ultra Low Quiescent Current Linear Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810A1LDV50 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS810A1LDV50 Datasheet HTML 7Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 8Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 9Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 10Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 11Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 12Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 13Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 14Page - Infineon Technologies AG TLS810A1LDV50 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
11
Rev. 1.0 2016-03-15
TLS810A1LDV50
Block Description and Electrical Characteristics
Table 4
Electrical Characteristics
Tj = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified).
Typical values are given at Tj = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.
Output Voltage Precision
VQ
4.90
5.00
5.10
V
50 µA ≤ IQ ≤ 100 mA,
5.7 V ≤ VI ≤ 28 V
P_5.1.1
Output Voltage Precision
VQ
4.90
5.00
5.10
V
50 µA ≤ IQ ≤ 50 mA,
5.7 V ≤ VI ≤ 42 V
P_5.1.2
Output Current Limitation IQ,lim
110
190
260
mA
0 V ≤ VQ ≤ VQ,nom - 0.1 V
P_5.1.3
Line Regulation
steady-state
ΔVQ,line
–1
20
mV
IQ = 1mA, 6V ≤ VI≤ 32 V
P_5.1.4
Load Regulation
steady-state
ΔVQ,load -20
-1
mV
VI = 6 V,
50 µA ≤ IQ ≤ 100 mA
P_5.1.5
Dropout Voltage1)
Vdr = VI - VQ
1) Measured when the output voltage VQ has dropped 100 mV from the nominal value obtained at VI = 13.5V
Vdr
200
550
mV
IQ = 100 mA
P_5.1.6
Ripple Rejection2)
2) Not subject to production test, specified by design
PSRR
–55
dB
IQ =50 mA,
fripple = 100 Hz,
Vripple = 0.5 Vp-p
P_5.1.7
Overtemperature
Shutdown Threshold2)
Tj,sd
151
175
°C
Tj increasing
P_5.1.8
Overtemperature
Shutdown Threshold
Hysteresis2)
Tj,sdh
–10
K
Tj decreasing
P_5.1.9


Similar Part No. - TLS810A1LDV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
More results

Similar Description - TLS810A1LDV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com