Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRHAVPA1.22-VWAV-DQ Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KRHAVPA1.22-VWAV-DQ
Description  SMD epoxy package with silicone lens
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRHAVPA1.22-VWAV-DQ Datasheet(HTML) 4 Page - OSRAM GmbH

  KRHAVPA1.22-VWAV-DQ Datasheet HTML 1Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 2Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 3Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 4Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 5Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 6Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 7Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 8Page - OSRAM GmbH KRHAVPA1.22-VWAV-DQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2014-11-26
4
Version 1.0
KR HAVPA1.22
Characteristics (T
S = 25 °C; IF = 20 mA)
Kennwerte
Dominant Wavelength Groups 3) page 21
Dominant Wellenlängengruppen 3) Seite 21
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
628
nm
Dominant Wavelength
3) page 21
Dominantwellenlänge 3) Seite 21
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
615
620
626
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
110 (horizontal)
60 (vertical)
°
Forward voltage 4) page 21
Durchlassspannung
4) Seite 21
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.80
1.95
2.20
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.02
10
µA
µA
Real thermal resistance junction / ambient
5) page 21 , 6) page 21
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 21 , 6) Seite 21
(typ.)
R
th JA real
340
K/W
Real thermal resistance junction / solder point
6) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 21
(typ.)
R
th JS real
60
K/W
Group
red
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
DQ
615
626
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Similar Part No. - KRHAVPA1.22-VWAV-DQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
870Kb / 21P
   Full color displays
More results

Similar Description - KRHAVPA1.22-VWAV-DQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com