Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLKH424V Datasheet(PDF) 3 Page - OSRAM GmbH

Part # CLKH424V
Description  Original spare parts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CLKH424V Datasheet(HTML) 3 Page - OSRAM GmbH

  CLKH424V Datasheet HTML 1Page - OSRAM GmbH CLKH424V Datasheet HTML 2Page - OSRAM GmbH CLKH424V Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321583192
CLK H424
Unpacked
1
170 mm x 60 mm x
150 mm
1.53 dm³
313.50 g
4008321827425
CLK H424
Shipping carton box
5
315 mm x 166 mm x
180 mm
9.41 dm³
1704.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:48:40
© 2016, OSRAM GmbH. All rights reserved.
CLK H424
Page 3 of 3


Similar Part No. - CLKH424V

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
   Original spare parts
More results

Similar Description - CLKH424V

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
   Original spare parts
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
   Original spare parts
3156 OSRAM-3156 Datasheet
127Kb / 4P
   Original spare parts
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
   Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
   Original spare parts
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
   Original spare parts
2886X OSRAM-2886X Datasheet
127Kb / 4P
   Original spare parts
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
   Maintain with a minimum of spare parts and tools
logo
PHOENIX CONTACT
QUICK-WIREFOX-16-EM PHOENIX-QUICK-WIREFOX-16-EM Datasheet
49Kb / 2P
   Spare knife
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com