Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT139A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHCT139A
Description  Dual 2-to-4 Decoder/ Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT139A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHCT139A_14 Datasheet HTML 1Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 2Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 3Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 4Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 5Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 6Page - ON Semiconductor MC74VHCT139A_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74VHCT139A
http://onsemi.com
5
Figure 7. Switching Waveform
1.5 V
tPHL
tPLH
3.0 V
GND
Y
1.5 V
A
3.0 V
GND
tPHL
tPLH
Y
E
1.5 V
1.5 V
Figure 8. Switching Waveform
*Includes all probe and jig capacitance
Figure 9. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
VOL
VOH
VOL
VOH
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT139ADG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74VHCT139ADR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74VHCT139ADTG
TSSOP−16
(Pb−Free)
96 Units / Rail
MC74VHCT139ADTRG
TSSOP−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74VHCT139A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT139AD ONSEMI-MC74VHCT139AD Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHCT139ADG ONSEMI-MC74VHCT139ADG Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHCT139ADR2 ONSEMI-MC74VHCT139ADR2 Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHCT139ADR2G ONSEMI-MC74VHCT139ADR2G Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHCT139ADT ONSEMI-MC74VHCT139ADT Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT139A_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com