Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT259A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHCT259A
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT259A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHCT259A_14 Datasheet HTML 1Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 2Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 3Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 4Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 5Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 6Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 7Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 8Page - ON Semiconductor MC74VHCT259A_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 6
1
Publication Order Number:
MC74VHCT259A/D
MC74VHCT259A
8-Bit Addressable
Latch/1-of-8 Decoder
CMOS Logic Level Shifter
with LSTTL−Compatible Inputs
The MC74VHCT259 is an 8−bit Addressable Latch fabricated with
silicon gate CMOS technology. It achieves high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining CMOS
low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The VHC259 is designed for general purpose storage applications in
digital systems. The device has four modes of operation as shown in
the mode selection table. In the addressable latch mode, the signal on
Data In is written into the addressed latch. The addressed latch follows
the data input with all non−addressed latches remaining in their
previous states. In the memory mode, all latches remain in their
previous state and are unaffected by the Data or Address inputs. In the
one−of−eight decoding or demultiplexing mode, the addressed output
follows the state of Data In with all other outputs in the LOW state. In
the Reset mode, all outputs are LOW and unaffected by the address
and data inputs. When operating the VHCT259 as an addressable
latch, changing more than one bit of the address could impose a
transient wrong address. Therefore, this should only be done while in
the memory mode.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V because it
has full 5.0 V CMOS level output swings.
The VHCT259A input structures provide protection when voltages
between 0 V and 5.5 V are applied, regardless of the supply voltage.
The output structures also provide protection when VCC = 0 V. These
input and output structures help prevent device destruction caused by
supply voltage−input/output voltage mismatch, battery backup, hot
insertion, etc.
Features
High Speed: tPD = 7.6 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: HBM > 2000 V
These Devices are Pb−Free and are RoHS Compliant
MARKING
DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
VHCT259AG
AWLYWW
VHCT
259A
ALYW
G
G
(Note: Microdot may be in either location)
1
1
16
1
1
16


Similar Part No. - MC74VHCT259A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT259AD ONSEMI-MC74VHCT259AD Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHCT259ADG ONSEMI-MC74VHCT259ADG Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHCT259ADR2 ONSEMI-MC74VHCT259ADR2 Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHCT259ADR2G ONSEMI-MC74VHCT259ADR2G Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
MC74VHCT259ADT ONSEMI-MC74VHCT259ADT Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT259A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74LVX259 ONSEMI-MC74LVX259_05 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com