Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV9F2U0SS351 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV9F2U0SS351
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV9F2U0SS351 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV9F2U0SS351 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV9F2U0SS-351
1:1
9/2/2016
52-PV9F2U0SS351
A
MJR
1
1
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 10mm
3
1
2
4
(+)
(+)
(-)
A
22480
NEW RELEASE
9/2/16
MJR
40.8 1.0
1.61 .04 in
[
]
30.5 1.0
1.20 .04 in
[
]
32.00
[1.26 in]
2.00
[.08 in]
M28x1.5
28.00 - .00
2.00
+
1.102 -.000
.079
+
in
[
]
FLAT ACTUATOR:
STAINLESS STEEL
BODY:
STAINLESS STEEL
RING ILLUMINATION
COLOR: YELLOW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NOS. FOR REF. ONLY
4. RATING: 2A @ 48VDC
5. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
6. INSULATION RESISTANCE: 1,000M
@ 500VDC
7. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
8. ELECTRICAL LIFE: 50,000 CYCLES
9. OPERATING TEMPERATURE: -20 C TO 55 C
10. INGRESS PROTECTION: IP65
11. SUPPLIED HARDWARE: O-RING AND HEXNUT
12.
DENOTES CRITICAL PARAMETER
13. 2011/65/EU (ROHS) COMPLIANT
14. ILLUMINATION VOLTAGE: 1.8V
7.0
[.276 in]
13.6
[.535 in]
2.80
[.11 in]
39.1 1.0
1.54 .04 in
[
]
DOT DENOTES
LED COLOR
22.75
[.90 in]
12.2
[.48 in]
-
YELLOW (REVERSE)
YELLOW (FORWARD)
(-)
+
-
4
2
3
1
(+)
+
4
1
3
2
DPDT ON-ON
CONTACT CONFIGURATION
POS. 1
POS. 2
SWITCH FUNCTION
1-2
3-4
6.00
[.24 in]


Similar Part No. - 52-PV9F2U0SS351

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV9F2U0SS311 E-SWITCH-52-PV9F2U0SS311 Datasheet
221Kb / 1P
   ILLUMINATION COLOR: RED (FORWARD), RED (REVERSE)
52-PV9F2U0SS331 E-SWITCH-52-PV9F2U0SS331 Datasheet
221Kb / 1P
   ILLUMINATION COLOR: GREEN (FORWARD), GREEN (REVERSE)
52-PV9F2U0SS334 E-SWITCH-52-PV9F2U0SS334 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS341 E-SWITCH-52-PV9F2U0SS341 Datasheet
221Kb / 1P
   ILLUMINATION COLOR: BLUE (FORWARD), BLUE (REVERSE)
More results

Similar Description - 52-PV9F2U0SS351

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com