Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

153M Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 153M
Description  D.C. Reactors or Filter Chokes, Low to Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

153M Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  153M Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D.C. Reactors or Filter Chokes
Low to Medium Current
www.hammondmfg.com
153M
Mechanical
A
1.63” / 41.4 mm
B
0.88” / 22.4 mm
C
0.81” / 20.6 mm
D
1.38” / 35.1 mm
G
0.13” / 3.3 mm
Weight
0.1 lbs / 0.05 kg
Electrical
Inductance (+/- 15%)
0.6H
D.C. Current
100 ma.
Resistance (+/- 15%)
86 ohms
Maximum Operating Volt (D.C.)
300V
Features
Economical “open bracket” - channel
mount.
Tolerance of 15% on both inductance &
resistance.
Inductances measured at rated D.C.
current.
Minimum 5” long leads.
Units will exhibit less inductance at
slightly higher currents or more induc-
tance at lower currents.
Perfect for high voltage power supply
filtering.
Every unit is Hipot tested (100%) at
1,500 VAC
Units are vacuum impregnated with
polyurethane varnish for quiet and long
life operation.


Similar Part No. - 153M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
153M ETC2-153M Datasheet
261Kb / 2P
   D.C. Filter (153-159 Series)
logo
Illinois Capacitor, Inc...
153MKP275K ILLINOISCAPACITOR-153MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
153MKP275K ILLINOISCAPACITOR-153MKP275K Datasheet
346Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
153MKP275K ILLINOISCAPACITOR-153MKP275K Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
153MKP275KC ILLINOISCAPACITOR-153MKP275KC Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
More results

Similar Description - 153M

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
158T HAMMOND-158T Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
159Y HAMMOND-159Y Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
158L HAMMOND-158L Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
156M HAMMOND-156M Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
155T HAMMOND-155T Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
155J HAMMOND-155J Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
159R HAMMOND-159R Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
158Q HAMMOND-158Q Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
154E HAMMOND-154E Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
153L HAMMOND-153L Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
154G HAMMOND-154G Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com