Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29F040 Datasheet(PDF) 7 Page - Micross Components

Part # AS29F040
Description  Sector protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Datasheet(HTML) 7 Page - Micross Components

Back Button AS29F040 Datasheet HTML 3Page - Micross Components AS29F040 Datasheet HTML 4Page - Micross Components AS29F040 Datasheet HTML 5Page - Micross Components AS29F040 Datasheet HTML 6Page - Micross Components AS29F040 Datasheet HTML 7Page - Micross Components AS29F040 Datasheet HTML 8Page - Micross Components AS29F040 Datasheet HTML 9Page - Micross Components AS29F040 Datasheet HTML 10Page - Micross Components AS29F040 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
7
AS29F040
Rev. 2.3 01/10
writing the reset command returns the device to reading array
data (also applies during Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and devices codes, and
determine whether or not a sector is protected. The Command
Definitions table shows the address and data requirements. This
method is an alternative to that shown in the Autoselect Codes
(High Voltage Method) table, which is intended for PROM
programmers and requires V
ID on address bit A9.
The auto select command sequence is initiated by writing
two unlock cycles, followed by the autoselect command. The
device then enters the autoselect mode, and the system may read
at any address any number of times, without initiating another
command sequence.
A read cycle at address XX00h retrieves the manufacturer
code. A read cycle at address XX01h returns the device code.
A read cycle containing a sector address (SA) and the address
02h in returns 01h if that sector is protected, or 00h if it is un-
protected. Refer to the Sector Address tables for valid sector
addresses.
The system must write the reset command to exit the au-
toselect mode and return to reading array data.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two unlock
write cycles, followed by the program set-up command. The
program address and data are written next, which in turn initiate
the Embedded Program algorithm. The system is not required
to provide further controls or timings. The device
au-
tomatically provides internally generated program pulses and
verify the programmed cell margin. The Command Definitions
take shows the address and data requirements for the byte pro-
gram command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are no
longer latched. The system can determine the status of the
program operation by using DQ7 or DQ6. See “Write Opera-
tion Status” for information on these status bits.
Any commands written to the device during the
Em-
bedded Program Algorithm are ignored.
Programming is allowed in any sequence and across
sec-
tor boundaries. A bit cannot be programmed from a “0” back
to a “1”. Attempting to do so may halt the operation and set
DQ5 to “1”, or cause the Data\ Polling algorithm to indicate
the operation was successful. However, a succeeding read
will show that the data is still “0”. Only erase operations can
convert a “0” to a “1”.
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the chip erase command, which
in turn invokes the Embedded Erase algorithm. The device
does not require the system to preprogram prior to erase. The
Embedded Erase algorithm automatically preprograms and
verifies the entire memory for an all zero data pattern prior
to electrical erase. The system is not required to provide any
controls or timings during these operations. The Command
Definitions table shows the address and data requirements for
the chip erase command sequence.
Any commands written to the chip during the Embedded
Erase algorithm are ignored.
The system can determine the status of the erase
opera-
tion by using DQ7, DQ6, or DQ2. See “Write Operation Status”
for information on these status bits. When the
Embedded
Erase algorithm is complete, the device returns to reading array
data and addresses are no longer latched.
Figure 2 illustrates the algorithm for the erase op-
eration. See the Erase/Program Operations tables in “AC
Characteristics” for parameters, and the Chip /Sector Erase
Operation Timings for timing waveforms.
NOTE: See the appropriate Command Definitions table for program com-
mand sequence.
FIGURE 1: PROGRAM OPERATION


Similar Part No. - AS29F040

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F040-120LC ALSC-AS29F040-120LC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120LI ALSC-AS29F040-120LI Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120TC ALSC-AS29F040-120TC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
More results

Similar Description - AS29F040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A_14 Datasheet
850Kb / 40P
   Individual Sector Protection with Global Protect/Unprotect Feature
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
logo
Micross Components
AS29F010 MICROSS-AS29F010 Datasheet
871Kb / 26P
   Flexible sector architecture
logo
AMIC Technology
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
   Uniform Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
   Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com