Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241.7036.1132000 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 1241.7036.1132000
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.7036.1132000 Datasheet(HTML) 3 Page - Schurter Inc.

  1241.7036.1132000 Datasheet HTML 1Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 2Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 3Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 4Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 5Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 6Page - Schurter Inc. 1241.7036.1132000 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Metal Line Switches
MSM CS 22
www.schurter.com /PG70
Switches
Dimension
MSM 22 CS ST
MSM 22 CS LE
MSM 22 CS BL
Legend
A = Illumination Area
B = Actuating Area
C = Width Across Flats
D = Nut
Tolerance Range
Actuator Tolerance Range
The mounting tolerance range of the actuator varies from 0.2 mm projection length
and 0.2 mm short length to the housing edge. The slanting position of the actuator
can range within this tolerance.


Similar Part No. - 1241.7036.1132000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.7021.1110000 SCHURTER-1241.7021.1110000 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
1241.7021.1120000 SCHURTER-1241.7021.1120000 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
1241.7021.1130000 SCHURTER-1241.7021.1130000 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
1241.7021.1180000 SCHURTER-1241.7021.1180000 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
1241.7022.1110000 SCHURTER-1241.7022.1110000 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results

Similar Description - 1241.7036.1132000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMCS19 SCHURTER-MSMCS19 Datasheet
803Kb / 8P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSM-CS-19 SCHURTER-MSM-CS-19 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_V02 Datasheet
914Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com