Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8020.5013.G Datasheet(PDF) 3 Page - Schurter Inc.

Part # 8020.5013.G
Description  Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8020.5013.G Datasheet(HTML) 3 Page - Schurter Inc.

  8020.5013.G Datasheet HTML 1Page - Schurter Inc. 8020.5013.G Datasheet HTML 2Page - Schurter Inc. 8020.5013.G Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
SHT 6.3x32
www.schurter.com /PG01_2
Fuses
Rated Current [A]
Rated Voltage
[VAC]
Rated Voltage
[VDC]
Breaking Capacity Voltage Drop 1.0 In
max. [mV]
Power Dissipation
1.5 In max. [mW]
Melting I²t 10.0
Intyp. [A²s]
Order Number
12.5
400
400
3)
120
5000
710
l
8020.5022
12.5
400
400
3)
120
5000
710
l
8020.5022.G
16
400
400
3)
130
5700
1400
l
8020.5023
16
400
400
3)
130
5700
1400
l
8020.5023.G
20
400
63
4)
100
6000
4000
l
8020.5024
20
400
63
4)
100
6000
4000
l
8020.5024.G
25
400
63
4)
100
8000
5440
l
8020.5025
25
400
63
4)
100
8000
5400
l
8020.5025.G
32
400
63
4)
110
10500
8750
l
8020.5026
32
400
63
4)
110
10500
8750
l
8020.5026.G
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1)
1500 A @ 500 VAC, cos
φ = 0.99 - 1
1500 A @ 250 VAC, cos
φ = 0.7 - 0.8
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
1500 A @ 400 VDC
20 kA @ 63 VDC
2)
1500 A @ 500 VAC, cos
φ = 0.99 - 1
1500 A @ 250 VAC, cos
φ = 0.7 - 0.8
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
1000 A @ 400 VDC
20 kA @ 63 VDC
3)
1500 A @ 400 VAC, cos
φ = 0.99 - 1
1000 A @ 250 VAC, cos
φ = 0.7 - 0.8
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
1000 A @ 400 VDC
20 kA @ 63 VDC
4)
1500 A @ 400 VAC, cos
φ = 0.99 - 1
1000 A @ 250 VAC, cos
φ = 0.7 - 0.8
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
20 kA @ 63 VDC
5)
1500 A @ 500 VAC, cos
φ = 0.99 - 1
1500 A @ 250 VAC, cos
φ = 0.7 - 0.8
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
20 kA @ 63 VDC
1500 A @ 400 VDC pending
Packaging Unit
xxxx.xxxx
Small Box Pack (10 pcs.)
xxxx.xxxx.G
Bulk (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 8020.5013.G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.5013.PT SCHURTER-8020.5013.PT Datasheet
317Kb / 4P
   Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
More results

Similar Description - 8020.5013.G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
SHF6.3X32 SCHURTER-SHF6.3X32_V01 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022
8020.5068.PT SCHURTER-8020.5068.PT Datasheet
255Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
8020.5068 SCHURTER-8020.5068 Datasheet
271Kb / 3P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
SHT6.3X32PIGTAIL SCHURTER-SHT6.3X32PIGTAIL Datasheet
317Kb / 4P
   Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
6.3X32PIGTAIL SCHURTER-6.3X32PIGTAIL_V01 Datasheet
266Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com