Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241.6833.1112000 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1241.6833.1112000
Description  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.6833.1112000 Datasheet(HTML) 2 Page - Schurter Inc.

  1241.6833.1112000 Datasheet HTML 1Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 2Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 3Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 4Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 5Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 6Page - Schurter Inc. 1241.6833.1112000 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
MSM LA 22
www.schurter.com /PG70
Switches
Dimension
MSM 22 LA ST / LE double-pole
0,80
16,60
M22x1
17,70
25
H
4,80
22
D
MSM 22 LA PI double-pole
25
17,70
0,48
3,60
0,80
M22x1
16,60
H
2,80
4,80
22
D
6
A
MSM 22 LA RI double-pole
3,60
0,48
16,60
M22x1
17,90
25
0,80
H
2,80
22
4,80
D
A
Switching Element single-pole with Push Button Holder
4.8
22
16.6
0.8
Legend
A = Illumination Area
C = Width Across Flats
D = Nut
H = Switching Element
Dimension
MSM 22 LA ST / MSM 22 LA RI
Drilling diagram
MSM 22 LA LE / MSM 22 LA PI /
MSM 22 LA RI optional
Drilling diagram


Similar Part No. - 1241.6833.1112000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.6833.1121000 SCHURTER-1241.6833.1121000 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
1241.6833.1122000 SCHURTER-1241.6833.1122000 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
1241.6833.1124000 SCHURTER-1241.6833.1124000 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Similar Description - 1241.6833.1112000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com