Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8S512K32PECA Datasheet(PDF) 1 Page - Micross Components

Part # AS8S512K32PECA
Description  Parallel Read/Write Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32PECA Datasheet(HTML) 1 Page - Micross Components

  AS8S512K32PECA Datasheet HTML 1Page - Micross Components AS8S512K32PECA Datasheet HTML 2Page - Micross Components AS8S512K32PECA Datasheet HTML 3Page - Micross Components AS8S512K32PECA Datasheet HTML 4Page - Micross Components AS8S512K32PECA Datasheet HTML 5Page - Micross Components AS8S512K32PECA Datasheet HTML 6Page - Micross Components AS8S512K32PECA Datasheet HTML 7Page - Micross Components AS8S512K32PECA Datasheet HTML 8Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iPEM
16 MB ASYNC SRAM
AS8S512K32PECA
AS8S512K32PECA
Rev. 0.3 03/11
Micross Components reserves the right to change products or specifications without notice.
1
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM
Integrated Plastic Encapsulated Microcircuit
FEATURES
Integrated Real-Time Memory Array Solution
No latency or refresh fycles
Parallel Read/Write Interface
User Configurable via multiple enables
Random Access Memory Array
Fast Access Times: 12, 15, 20, and 25ns
TTL Compatible I/O
Fully Static, No Clocks
Surface Mount Package
68 Lead PLCC, No. 99 JEDEC M0-47AE
Small Footprint, 0.990 Sq. In.
Multiple Ground Pins for Maximum Noise Immunity
Single +5V (±5%) Supply Operation
DESCRIPTION
The AS8S512K32 is a high speed, 5V, 16Mb SRAM. The
device is available with access times of 12, 15, 20 and
25ns creating a zero wait state/latency, real-time memory
solution. The high speed, 5v supply voltage and control
lines,make the device ideal for all your real-time computer
memory requirements.
The device can be configured as a 512K x 32 and used to
create a single chip external data /program memory array
solution or via use of the individual chip enable lines, be
reconfigured as a 1M x 16 or 2M x 8.
The device provides a 50+% space savings when compared
to four 512K x 8, 36 pin SOJs. In addition the AS8S512K32
has only a 20pF load on the Addr. lines vs. ~30pF for four
plastic SOJs.
PIN CONFIGURATIONS AND BLOCK DIAGRAM (PECA Package)
BYTE CONTROL TABLE
Chip
Byte
Enable
Control
E0\
DQ0-7
E1\
DQ8-15
E2\
DQ16-23
E3\
DQ24-31
PIN NAMES
A0 - A18
Address Inputs
E0\ - E3\
Chip Enables
W\
Write Enables
G\
Output Enable
DQ0 - DQ31 Common Data Input/Output
Vcc
Power (+5V ± 10%)
Vss
Ground
NC
No Connection
A0-A18
G\
W\
E0\
E1\
DQ0-DQ7
E2\
DQ8-DQ15
E3\
DQ16-DQ23
DQ24-DQ31
512K x 32
Memory Array
19
10
11
12
13
14
15
16
17
18
19
20
21
22
DQ17
DQ18
60
DQ14
59
DQ13
DQ19
58
DQ12
Vss
57
Vss
DQ20
56
DQ11
DQ21
55
DQ10
DQ22
54
DQ09
DQ23
53
DQ08
Vcc
52
Vcc
DQ24
51
DQ07
DQ25
50
DQ06
DQ26
49
DQ05
DQ27
48
DQ04
Vss
47
Vss
DQ28
46
DQ03
DQ29
45
DQ02
DQ30
44
DQ01
23
24
25
26


Similar Part No. - AS8S512K32PECA

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/ET AUSTIN-AS8S512K32PEC-12/ET Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/IT AUSTIN-AS8S512K32PEC-12/IT Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-12/XT AUSTIN-AS8S512K32PEC-12/XT Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8S512K32PEC-15/ET AUSTIN-AS8S512K32PEC-15/ET Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
More results

Similar Description - AS8S512K32PECA

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
GS8342DT10BD-333 GSI-GS8342DT10BD-333 Datasheet
507Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
GS8342DT11BD-350 GSI-GS8342DT11BD-350 Datasheet
524Kb / 30P
   Simultaneous Read and Write SigmaQuad Interface
GS81302DT06E-450I GSI-GS81302DT06E-450I Datasheet
515Kb / 31P
   Simultaneous Read and Write SigmaQuad Interface
GS81302DT10E-300I GSI-GS81302DT10E-300I Datasheet
513Kb / 30P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com