Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420.0174 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4420.0174
Description  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4420.0174 Datasheet(HTML) 1 Page - Schurter Inc.

  4420.0174 Datasheet HTML 1Page - Schurter Inc. 4420.0174 Datasheet HTML 2Page - Schurter Inc. 4420.0174 Datasheet HTML 3Page - Schurter Inc. 4420.0174 Datasheet HTML 4Page - Schurter Inc. 4420.0174 Datasheet HTML 5Page - Schurter Inc. 4420.0174 Datasheet HTML 6Page - Schurter Inc. 4420.0174 Datasheet HTML 7Page - Schurter Inc. 4420.0174 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Thermal-magnetic (TM and AS-line)
AS168XAC2
www.schurter.com /PG20
Circuit Breakers
Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
Description
- Thermal-magnetic circuit breaker
- High short circuit performance
- Availability of AC and DC in the same frame size
- DIN-Rail Mounting
Standards
- Approval Reference Type: AS168X
- IEC 60934
- UL508, UL1077
- CSA C22.2
Applications
- Industrial appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
General data
Rated Voltage AC
IEC : 420 V Y / 240 V; 50/60 Hz
UL/CSA : 480 V Y / 277 V; 50/60 Hz
Rated Voltage DC
65 V
Rated current
0.5 - 52 A , see approbations
Conditional short circuit capa-
city IEC 60934
Icn: AC 420 V / DC 65 V: 5 kA (no fuse)
Conditional short circuit capa-
city UL 1077
Inc: AC 480 V: 10 kA (with fuse class
H/J, 4x rated current (min. 15 A))
Icn: AC 480 V: 5 kA (no fuse)
Icn: DC 65 V: 2 kA (no fuse)
Conditional short circuit capa-
city UL 508
Icn: AC 480 V: 5 kA (no fuse)
Degree of Protection
from front side IP 40 acc. to IEC 60529
Lifetime
1 x Ir 6000 switching cycles
Dielectric Strength
50 Hz: > 2 kV
Impulse 1.2/50
μs
Vibration Resistance
± 0.75 mm @ 5 - 60 Hz
acc. to IEC 60068-2-6, test Fc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Insulation Resistance
250/440 VAC > 5 M
Ω
Shock Resistance
30 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Ambient temperature
-10 °C to 55 °C
Weight
100 - 130 g
Tripping Type
Positively trip free
Actuation type
Manual ON/OFF
Permissible wire cross section 1.5 - 25 mm² / 16 - 4 AWG
Switched neutral
Rated Voltage
AC 277 V
Rated current
AC/DC 65 A
Function
The switched neutral closes with ma-
nual closure of the poles and opens
automatically with thermal magnetic
tripping of the poles.
Add-on modules
Add-on modules
Technical data for the additional module
see separate data sheet


Similar Part No. - 4420.0174

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0176 SCHURTER-4420.0176 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
More results

Similar Description - 4420.0174

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com