Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420.0308 Datasheet(PDF) 7 Page - Schurter Inc.

Part # 4420.0308
Description  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4420.0308 Datasheet(HTML) 7 Page - Schurter Inc.

  4420.0308 Datasheet HTML 1Page - Schurter Inc. 4420.0308 Datasheet HTML 2Page - Schurter Inc. 4420.0308 Datasheet HTML 3Page - Schurter Inc. 4420.0308 Datasheet HTML 4Page - Schurter Inc. 4420.0308 Datasheet HTML 5Page - Schurter Inc. 4420.0308 Datasheet HTML 6Page - Schurter Inc. 4420.0308 Datasheet HTML 7Page - Schurter Inc. 4420.0308 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Thermal-magnetic (TM and AS-line)
AS168XAC3
www.schurter.com /PG20
Circuit Breakers
AS168X-CB
|1|DG|200|N| = Tripping characteristics
Tripping characteristics
Configuration
key
1.0-1.25xIn / 3-5xIn / 0.5-52 A
F
1.0-1.25xIn / 6-10xIn / 0.5-52 A
G
1.0-1.25xIn / 12-20xIn / 0.5-52 A
H
AS168X-CB
|1|DG|200|N| = Rated current
Rated current
Configuration
key
0.05 A
005
1.0 A
010
1.5 A
015
2.0 A
020
3.0 A
030
4.0 A
040
5.0 A
050
6.0 A
060
7.0 A
070
8.0 A
080
9.0 A
090
10.0 A
100
Other rated currents on request
Rated current
Configuration
key
12.0 A
120
15.0 A
150
16.0 A
160
18.0 A
180
20.0 A
200
23.0 A
230
25.0 A
250
27.0 A
270
30.0 A
300
32.0 A
320
35.0 A
350
40.0 A
400
45.0 A
450
50.0 A
500
52.0 A
520
Other rated currents on request
AS168X-CB
|1|DG|200|N| = Switched neutral
Switched neutral
Configuration
key
Switched neutral pole
N
Variants
Tripping characteristics
Rated current
Switched neutral
Config. Code
Order Number
1.0-1.25xIn / 3-5xIn / 0.5-52 A
30.0 A
AS168X-CB3F300
4420.0742
1.0-1.25xIn / 3-5xIn / 0.5-52 A
35.0 A
AS168X-CB3F350
4420.0994
1.0-1.25xIn / 6-10xIn / 0.5-52 A
2.0 A
AS168X-CB3G020
4420.0402
1.0-1.25xIn / 6-10xIn / 0.5-52 A
3.0 A
AS168X-CB3G030
4420.0400
1.0-1.25xIn / 6-10xIn / 0.5-52 A
4.0 A
AS168X-CB3G040
4420.0388
1.0-1.25xIn / 6-10xIn / 0.5-52 A
5.0 A
AS168X-CB3G050
4420.0301
1.0-1.25xIn / 6-10xIn / 0.5-52 A
10.0 A
AS168X-CB3G100
4420.0241
1.0-1.25xIn / 6-10xIn / 0.5-52 A
15.0 A
AS168X-CB3G150
4420.0204
1.0-1.25xIn / 6-10xIn / 0.5-52 A
20.0 A
AS168X-CB3G200
4420.0198
1.0-1.25xIn / 6-10xIn / 0.5-52 A
25.0 A
AS168X-CB3G250
4420.0242
1.0-1.25xIn / 6-10xIn / 0.5-52 A
30.0 A
AS168X-CB3G300
4420.0210
1.0-1.25xIn / 6-10xIn / 0.5-52 A
32.0 A
AS168X-CB3G320
4420.0323
1.0-1.25xIn / 6-10xIn / 0.5-52 A
40.0 A
AS168X-CB3G400
4420.0199
1.0-1.25xIn / 12-20xIn / 0.5-52 A
15.0 A
AS168X-CB3H150
4420.0569
1.0-1.25xIn / 12-20xIn / 0.5-52 A
20.0 A
AS168X-CB3H200
4420.0308
1.0-1.25xIn / 12-20xIn / 0.5-52 A
25.0 A
AS168X-CB3H250
4420.0542
1.0-1.25xIn / 12-20xIn / 0.5-52 A
30.0 A
AS168X-CB3H300
4420.0287
1.0-1.25xIn / 12-20xIn / 0.5-52 A
40.0 A
AS168X-CB3H400
4420.0372
1.0-1.25xIn / 12-20xIn / 0.5-52 A
50.0 A
AS168X-CB3H500
4420.0762
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER


Similar Part No. - 4420.0308

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0317 SCHURTER-4420.0317 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0324 SCHURTER-4420.0324 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0325 SCHURTER-4420.0325 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0329 SCHURTER-4420.0329 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0332 SCHURTER-4420.0332 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
More results

Similar Description - 4420.0308

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com