Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS168XDC2 Datasheet(PDF) 4 Page - Schurter Inc.

Part # AS168XDC2
Description  Circuit Breaker for Equipment thermal-magnetic, 2 poles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168XDC2 Datasheet(HTML) 4 Page - Schurter Inc.

  AS168XDC2 Datasheet HTML 1Page - Schurter Inc. AS168XDC2 Datasheet HTML 2Page - Schurter Inc. AS168XDC2 Datasheet HTML 3Page - Schurter Inc. AS168XDC2 Datasheet HTML 4Page - Schurter Inc. AS168XDC2 Datasheet HTML 5Page - Schurter Inc. AS168XDC2 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Thermal-magnetic (TM and AS-line)
AS168XDC2
www.schurter.com /PG20
Circuit Breakers
Symbol
Standard
Rated current
Rated voltage DC
Conditional short circuit capacity Icn
UL 508
CSA C22.2 no. 14
-
-
-
UL 1077
0.5 - 40 A
240 V
10 kA
CSA C22.2 no. 235
0.5 - 50 A
360 V
2 kA
EN 60934
0.5 - 50 A
240 V
4.5 kA
GB 17701
nur Art.-Nr.
4420.0386 (30 A)
4420.0367 (40 A)
240 V
3 kA
Effect of ambient temperature
AC-breaker are calibrated for an ambient temperature of +40°C, DC-breakers for +23°C. To determine the rated current for a lower or
higher ambient temperature, use a correction factor from the table below:
Ambient temperature [°C]
Correction factor AC version
Correction factor DC version
-20
0.78
0.80
-5
0.82
0.87
0
0.83
0.90
+10
0.87
0.95
+23
0.91
1.00
+30
0.95
1.05
+40
1.00
1.10
+50
1.05
1.20
+60
1.11
1.30
Example DC version: Rated current = 10 A; Environmental temperature = 50 °C; --> Correction factor = 1.2; Resulting current = 12 A
Time-Current-Curves
Version DF / Magnetic 4.5-8 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°
Version DG / Magnetic 9-16 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°


Similar Part No. - AS168XDC2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168XDC2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com