Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7184F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7184F
Description  System IC for B6 motor drives
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7184F Datasheet HTML 1Page - Infineon Technologies AG TLE7184F Datasheet HTML 2Page - Infineon Technologies AG TLE7184F Datasheet HTML 3Page - Infineon Technologies AG TLE7184F Datasheet HTML 4Page - Infineon Technologies AG TLE7184F Datasheet HTML 5Page - Infineon Technologies AG TLE7184F Datasheet HTML 6Page - Infineon Technologies AG TLE7184F Datasheet HTML 7Page - Infineon Technologies AG TLE7184F Datasheet HTML 8Page - Infineon Technologies AG TLE7184F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PG-VQFN-48
Type
Package
Marking
TLE7184F
PG-VQFN-48
TLE7184F
Data Sheet
4
Rev. 1.2, 2016-01-28
System IC for B6 motor drives
TLE7184F
1Overview
Features
Drives 6 N-Channel Power MOSFETs
Integrated 5V Vreg-Controller to power µC
Integrated switch for VDH voltage
Separate control input for each MOSFET
Adjustable dead time
Shoot through protection
Analog adjustable Short Circuit Protection levels
Low quiescent current mode
1 bit diagnosis ERR
Over Temperature shut down and analog temperature output
Over Temperature pre-warning
Under Voltage shut down
Adjustable Over Voltage shut down
Current sense OpAmp
Over current shut down based on Current sense OpAmp, fixed shut down level
0 …94% duty cycle at 25 kHz PWM frequency
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7184F is a system IC for Brushless Motor Control. It incorporates a voltage supply for a µC, a bridge driver
for a B6 configuration, an application typical PWM interface and some other smaller features. Target is to reduce
the number of discrete components in typical BLDC automotive applications and give enough flexibility for custom
specific adaptations.
It works with 3-phase motors and brush DC motors. Its exposed pad package allows the usage even at high
ambient temperatures.


Similar Part No. - TLE7184F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
   System IC for B6 motor drives
Rev. 1.0, Dec. 2008
TLE7184F INFINEON-TLE7184F Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
TLE7184F-3V INFINEON-TLE7184F-3V Datasheet
1Mb / 36P
   System IC for B6 motor drives
Rev.1.2, 2016-01-27
TLE7184F3V INFINEON-TLE7184F3V Datasheet
1Mb / 36P
   System IC for B6 motor drives
Rev.1.2, 2016-01-27
TLE7184F INFINEON-TLE7184F_15 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
More results

Similar Description - TLE7184F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F_15 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
TLE7186F INFINEON-TLE7186F Datasheet
1Mb / 39P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
TLE7184F3V INFINEON-TLE7184F3V Datasheet
1Mb / 36P
   System IC for B6 motor drives
Rev.1.2, 2016-01-27
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
   System IC for B6 motor drives
Rev. 1.0, Dec. 2008
logo
Sanyo Semicon Device
LA6504H SANYO-LA6504H Datasheet
94Kb / 10P
   Monolithic Linear IC DVD System motor Drives
logo
STMicroelectronics
AN1506 STMICROELECTRONICS-AN1506 Datasheet
144Kb / 14P
   A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9564QX INFINEON-TLE9564QX Datasheet
6Mb / 228P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9560-3QX INFINEON-TLE9560-3QX Datasheet
7Mb / 280P
   DC Motor System IC
Rev. 1.0 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com