Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4710.4154 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4710.4154
Description  IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4710.4154 Datasheet(HTML) 5 Page - Schurter Inc.

  4710.4154 Datasheet HTML 1Page - Schurter Inc. 4710.4154 Datasheet HTML 2Page - Schurter Inc. 4710.4154 Datasheet HTML 3Page - Schurter Inc. 4710.4154 Datasheet HTML 4Page - Schurter Inc. 4710.4154 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Connectors (Inlets/Outlets)
4710
www.schurter.com /PG07
Connectors
Mating Inlets/Plugs
Category / Description
Plug Overview complete
IEC Plug I, Cord Connector (Rewireable), Straight
4796
IEC Plug I, Cord Connector (Rewireable), Angled
4789
Plug further types to 4710
Mating Inlets/Plugs shuttered
Interconnection Cord Overview complete
VAC19KS, Interconnection, V-Lock cord retaining, 2.0 m, Connector IEC C19, H05VV-F3G1.5 / SJT 3x14 AWG, black
3-100-362
VAC19KS, Interconnection, V-Lock cord retaining, 3.0 m, Connector IEC C19, H05VV-F3G1.5 / SJT 3x14 AWG, black
3-100-363
VAC19KS, Interconnection, V-Lock cord retaining, 1.0 m, Connector IEC C19, H05VV-F3G1.5, black
6051.2147
VAC19KS, Interconnection, V-Lock cord retaining, 1.0 m, Connector IEC C19, H05VV-F3G1.5 / SJT 3x14 AWG, black
6051.2197
VAC19KS, Interconnection, V-Lock cord retaining, 2.0 m, Connector IEC C19, H05VV-F3G1.5, black
6051.2047
Interconnection Cord further types to 4710
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4710.4154

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4710.4154 SCHURTER-4710.4154 Datasheet
374Kb / 4P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
More results

Similar Description - 4710.4154

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4710_1809 SCHURTER-4710_1809 Datasheet
441Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_V01 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
4710 SCHURTER-4710_18 Datasheet
457Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710.6014 SCHURTER-4710.6014 Datasheet
374Kb / 4P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_21 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610 Datasheet
456Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V01 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V02 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
6610_1809 SCHURTER-6610_1809 Datasheet
468Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
5213 SCHURTER-5213 Datasheet
316Kb / 2P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, Quick-connect Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com