Electronic Components Datasheet Search |
|
TLE75080-EMD Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
TLE75080-EMD Datasheet(HTML) 8 Page - Infineon Technologies AG |
8 / 67 page TLE75080-EMD Overview Data Sheet 8 Rev. 1.0, 2016-06-22 In Limp Home mode (Fail-Safe mode) the input pins are directly routed to channels 2 and 3. When IDLE pin is “low”, it is possible to activate the two channels using the input pins independently from the presence of the digital supply voltage. The device provides diagnosis of the load via Open Load at OFF state (with DIAG_OSM.OUTn bits) and short circuit detection. For Open Load at OFF state detection, a internal current source I OL can be activated via SPI. Each output stage is protected against short circuit. In case of Overload, the affected channel switches OFF when the Overload Detection Current I L(OVLn) is reached and can be reactivated via SPI. In Limp Home mode operation, the channels connected to an input pin set to “high” restart automatically after Output Restart time t RETRY(LH) is elapsed. Temperature sensors are available for each channel to protect the device against Over Temperature. The power transistors are built by N-channel power MOSFET with one central chargepump . The inputs are ground referenced TTL compatible. The device is monolithically integrated in Smart Power Technology. |
Similar Part No. - TLE75080-EMD |
|
Similar Description - TLE75080-EMD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |