Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM25N15-52-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQM25N15-52-GE3
Description  Automotive P-Channel 60 V (D-S) 175 MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM25N15-52-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SQM25N15-52-GE3 Datasheet HTML 1Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 2Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 3Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 4Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 5Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 6Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 7Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 8Page - Vishay Siliconix SQM25N15-52-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQM120P06-07L
www.vishay.com
Vishay Siliconix
S12-1847-Rev. B, 30-Jul-12
2
Document Number: 67026
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 60 V
-
-
- 1
μA
VGS = 0 V
VDS = - 60 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 60 V, TJ = 175 °C
-
-
- 250
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 120
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 30 A
-
0.0056
0.0067
VGS = - 10 V
ID = - 30 A, TJ = 125 °C
-
-
0.0110
VGS = - 10 V
ID = - 30 A, TJ = 175 °C
-
-
0.0130
VGS = - 4.5 V
ID = - 20 A
-
0.0070
0.0088
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 30 A
-
90
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
11 423
14 280
pF
Output Capacitance
Coss
-
1034
1295
Reverse Transfer Capacitance
Crss
-
809
1015
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 30 V, ID = - 110 A
-
180
270
nC
Gate-Source Chargec
Qgs
-31
-
Gate-Drain Chargec
Qgd
-43
-
Gate Resistance
Rg
f = 1 MHz
1.1
2.27
3.5
Turn-On Delay Timec
td(on)
VDD = - 30 V, RL = 0.27 
ID  - 110 A, VGEN = - 10 V, Rg = 1 
-15
23
ns
Rise Timec
tr
-23
35
Turn-Off Delay Timec
td(off)
-
97
146
Fall Timec
tf
-32
48
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 480
A
Forward Voltage
VSD
IF = - 100 A, VGS = 0 V
-
- 0.95
- 1.5
V


Similar Part No. - SQM25N15-52-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
205Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM25N15-52 VISHAY-SQM25N15-52 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM25N15-52-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P06-15L VISHAY-SQD50P06-15L Datasheet
173Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. E, 20-Aug-12
SQ1421EEH VISHAY-SQ1421EEH_17 Datasheet
194Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 31-Oct-11
SQD19P06-60L VISHAY-SQD19P06-60L_17 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. C, 24-Oct-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com