Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6160.0105 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 6160.0105
Description  IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6160.0105 Datasheet(HTML) 3 Page - Schurter Inc.

  6160.0105 Datasheet HTML 1Page - Schurter Inc. 6160.0105 Datasheet HTML 2Page - Schurter Inc. 6160.0105 Datasheet HTML 3Page - Schurter Inc. 6160.0105 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Connectors (Inlets/Outlets)
2577
www.schurter.com /PG07
Connectors
Terminals orientation B
28
35
20.5
20.4
13.5
3.2
E1
max.
R2
20.6
28
+0.20
0
E: Solder terminals short: 3.6 mm (L=4.8 mm)
E: Solder terminals long: 7.3 mm (L=8.5 mm)
E: Quick connect terminals 2.8x0.8 mm: 9.6 mm
Config. Code
2577
|-|H|-|A|B|C|0-|D|-|E|G|F|
The characters are placeholders for the correspondingly keys of selections from the key tables.
2577
|-|H|-|A|B|C|0-|D|-|E|G|F| = Type
Type
Configuration
key
protection class II
X
2577
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal L
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3
PCB-terminal standard (additional solder terminal)
4
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Terminal L
Configuration
key
Blade terminal (2.8 x 0.8 mm)
7
PCB-terminal (standard)
A
PCB-terminal (short)
B
PCB-terminal (long)
C
2577
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal N
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3
PCB-terminal standard (additional solder terminal)
4
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Blade terminal (2.8 x 0.8 mm)
7
Symbols similar as in table A


Similar Part No. - 6160.0105

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6160.0105 SCHURTER-6160.0105 Datasheet
338Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
6160.0105 SCHURTER-6160.0105 Datasheet
434Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or PCB Terminal
05.01.2022
More results

Similar Description - 6160.0105

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2577 SCHURTER-2577_18 Datasheet
328Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577_1809 SCHURTER-2577_1809 Datasheet
338Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577 SCHURTER-2577 Datasheet
370Kb / 3P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2573 SCHURTER-2573 Datasheet
374Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574_13 Datasheet
307Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574 Datasheet
324Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577_21 Datasheet
434Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or PCB Terminal
2577 SCHURTER-2577_V01 Datasheet
434Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or PCB Terminal
05.01.2022
2573 SCHURTER-2573_21 Datasheet
418Kb / 5P
   IEC Appliance Inlet C8, Screw-on or Rivet Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2573 SCHURTER-2573_18 Datasheet
361Kb / 5P
   IEC Appliance Inlet C8, Screw-on or Rivet Mounting, Front Side, Solder, PCB or Quick-connect Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com