Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM863K Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM863K
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM863K Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button SDM863K Datasheet HTML 4Page - Burr-Brown (TI) SDM863K Datasheet HTML 5Page - Burr-Brown (TI) SDM863K Datasheet HTML 6Page - Burr-Brown (TI) SDM863K Datasheet HTML 7Page - Burr-Brown (TI) SDM863K Datasheet HTML 8Page - Burr-Brown (TI) SDM863K Datasheet HTML 9Page - Burr-Brown (TI) SDM863K Datasheet HTML 10Page - Burr-Brown (TI) SDM863K Datasheet HTML 11Page - Burr-Brown (TI) SDM863K Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
®
SDM862/863/872/873
8
All data acquisition systems using a MUX require consider-
ation of the errors that may be introduced by MUX output
capacitance. The applications information explains this more
fully in the input filtering section.
Shown in Figure 3 is an application that demonstrates the
flexibility of signal conditioning and gives the opportunity
to use a higher bandwidth filter. Diodes shown are low
leakage types (1na). The low output impedance of the
amplifiers reduces the time taken to charge MUX capaci-
tance CM.
INSTRUMENT AMPLIFIER
The instrument amplifier (INA) presents a very high input
impedance to the signal source, eliminating gain errors
introduced by voltage divider action between the source
output impedance and SDM input impedance. Where the
differential models are used, the INA performs the differen-
tial to single-ended conversion required to drive the sample/
hold amplifier. Gains may be set by using external jumpers,
to values of 1 (no jumper), 10 and 100. For gains other than
these presets, the following formula may be used to find an
external resistor value to add in series with the G = 10 or G
= 100 jumpers.
40k
Where Ri = 4444
Ω, G = 10 input.
G – 1
404
Ω, G = 100 input.
It should be noted that the internal gain set resistors have a
±20% tolerance and ±20ppm/°C drift.
to ensure that neither of the differential inputs exceed the
maximum input range. Otherwise, signal distortion will
result. A return path for the input bias currents must always
be provided. This prevents the charging of stray capaci-
tances in applications using floating sources, such as trans-
formers and thermocouples. Multiplexer inputs are protected
from overvoltage, as indicated in the electrical specifica-
tions, and should be current limited to 20mA.
Where high-speed operation is required and channels require
rapid sampling, then it is important to buffer the inputs
against the effect of current sharing between the MUX
output capacitance and the input filter capacitance. See
Figure 2.
SYSTEM DESCRIPTION
The SDM comprises four circuit elements—an input-pro-
tected multiplexer, an instrumentation amplifier, a sample/
hold amplifier, and an analog-to-digital converter.
INSTALLATION
MULTIPLEXER
The SDM family has a choice of input multiplexers (MUX).
SDM862 and SDM872:
16 single-ended inputs
SDM863 and SDM873:
8 differential inputs
On all models, the analog inputs may be expanded using the
enable control. See Figure 1. When the enable is at a logic
“0,” the internal MUX is disabled, allowing additional
multiplexers to be connected in parallel. The limiting factor
for the number of additional multiplexers is the cumulative
effect of leakage current flowing in the signal source imped-
ance, causing offset errors.
Differential inputs will generally eliminate the noise associ-
ated with common system grounds, but care must be taken
FIGURE 1. External Multiplexer Connections for Differen-
tial and Single-Ended Operation.
FIGURE 2. Filter and MUX Capacitance.
– Ri
R
ext =
C
f
C
M
C
f
MUX
A3
A2
A1
A0
Out
A3
A2
A1
A0
Out
A2
A1
A0
– Out
+Out
49 50 51 52 48 65
66
53
SDM8X2
66
A2
A1
A0
–Out
+Out
A0
A1
A2
A3
MUX
Extern
49 50 51 48
65
53
SDM8X3
67
A0
A1
A2
A3
INA
INA
A4
MUX
Intern
MUX
Intern
MUX
Extern


Similar Part No. - SDM863K

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM863K

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com