Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2102972-1 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 2102972-1
Description  Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2102972-1 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 2102972-1 Datasheet HTML 7Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 8Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 9Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 10Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 11Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 12Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 13Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 14Page - TE Connectivity Ltd 2102972-1 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
408-32087
Rev K
11 of 17
CAUTION
The wire must avoid being moved after it is inserted. The wire should not be rotated or pulled out after it is fully inserted. This
could lead to an improperly terminated wire.
2. Position the terminal in the stationary die (nest) with the locating shoulder of the tongue resting
against the die, with the crimping head yoke closed and pin fully inserted.
BE SURE to align the terminal tongue using the scribe lines on the nest. See Figure 4.
NOTE
Make sure that the terminal is positioned so that the crimper of the moving die (anvil) will crimp the wire barrel of the terminal.
See Figure 4.
3. Holding the wire in place and fully inserted, activate the power unit to complete the crimp.
4. Remove the crimped terminal from the die assembly.
NOTE
If the terminal sticks in the die after crimping, apply a rocking action to remove it from the die. Initial force required to break
loose or release terminal from the die will be higher with clean or new dies. It is acceptable to add spray dry lubricant to clean
or new die to reduce initial force of removing crimped terminal.
Figure 4
The second (alternate) method is:
NOTE
This method is only slightly different than the first (preferred) method. The difference is when the wire is inserted into the wire
barrel.
1. Position the terminal in the stationary die (nest) with the locating shoulder of the tongue resting
against die, with the crimping head yoke closed and pin fully inserted.
BE SURE to align the terminal tongue using the scribe lines on the nest.
NOTE
Make sure that the terminal is positioned so that the crimper of the moving die (anvil) will crimp the wire barrel of the terminal.
See Figure 4.
2. Jog the power unit to advance the ram to hold the terminal in place. Make sure not to deform the wire
barrel; otherwise, it may be difficult to insert the wire into the wire barrel of the terminal.
3. Insert the properly stripped wire fully into the wire barrel of the terminal. Ensure that there are no
exposed strands.
CAUTION
The wire must avoid being moved after it is inserted. The wire should not be rotated or pulled out after it is fully inserted. This
could lead to an improperly terminated wire.
NOTE: This view is for 59877-3, 68009-3,
68010-3, 68011-3, and 314948-3 only.
Terminal Tongue
Aligned with
Scribe Lines
Terminal Shoulder
Resting Against the
Side of the Nest
Spring-Loaded
Support Maintaining
Terminal Alignment


Similar Part No. - 2102972-1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2102 GILWAY-2102 Datasheet
65Kb / 1P
   T-1 Subminiature Lamps
logo
XFMRS Inc.
2102 XFMRS-2102 Datasheet
769Kb / 8P
   QUAD PORT MODULE
logo
Pulse A Technitrol Comp...
2102 PULSE-2102 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
WAGO Kontakttechnik Gmb...
2102-1201 WAGO-2102-1201 Datasheet
856Kb / 20P
   2-conductor through terminal block; with lever and Push-in CAGE CLAMP짰
23.11.2021
2102-1204 WAGO-2102-1204 Datasheet
894Kb / 20P
   2-conductor through terminal block; with lever and Push-in CAGE CLAMP짰
24.11.2021
More results

Similar Description - 2102972-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com