Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1752877-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1752877-1
Description  Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1752877-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1752877-1 Datasheet HTML 1Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 2Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 3Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 4Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 5Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 6Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 7Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 8Page - TE Connectivity Ltd 1752877-1 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
© 2015 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
Instruction Sheet
408-32087
26 JUN 15
Rev K
CRIMPING
DIE ASSEMBLY
HYDRAULIC CRIMPING HEAD
(Instruction Sheet)
68006-3
68007-3
68008-3
68009-3
68010-3
69066 (408-2453)
58422-1 (408-9535)
1752787-1 (408-8914)
1752877-1 (408-8956)
---
59877-3
68011-3
314948-3
58422-1 (408-9535)
1752787-1 (408-8914)
Figure 1
1. INTRODUCTION
The crimping die assemblies are designed to be installed into the hydraulic crimping heads listed in Figure 1
and are used to crimp pre-lubed COPALUM Lite sealed terminals and splices shown in Figure 2. The supports
are designed to minimize crimp barrel and wire angle after crimping.
Read these instructions thoroughly before crimping any terminals or splices.
Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
NOTE
Dimensions in this instruction sheet are in millimeters [with inches in brackets]. Illustrations and figures are for reference only
and are not drawn to scale.
2. DESCRIPTION
Each crimping die assembly consists of a stationary die (nest) and moving die (anvil), a nest wire support, an
anvil wire support, and an anvil tongue support used only with 59877-3, 68009-3, 68010-3, 68011-3, and
314948-3. See Figure 1. The anvil tongue support is not used with 68006-3, 68007-3, 68008-3 die sets.
3. INSTALLATION
3.1. Support Installation
DANGER
To avoid personal injury, install the supports on the die outside of the crimping head. ALWAYS DISCONNECT electrical and
air supply to the power unit before installing the hydraulic crimping head or supports.
Crimping Die Assemblies and
Supports for COPALUM* Lite
Sealed Terminals and Splices
Shank
Nest Wire
Support
Tongue
Support Tip
Stationary
Die (Nest)
Tongue Support (Used
ONLY with 59877-3,
68009-3, 68010-3,
68011-3, and 314948-3)
Anvil Wire
Support
Moving
Die Anvil
Support Mounting
Screw
Shank


Similar Part No. - 1752877-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1752877-1 MACOM-1752877-1 Datasheet
132Kb / 4P
   Hydraulic Crimping
More results

Similar Description - 1752877-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com