Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8E128K32 Datasheet(PDF) 9 Page - Micross Components

Part # AS8E128K32
Description  Low power CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8E128K32 Datasheet(HTML) 9 Page - Micross Components

Back Button AS8E128K32 Datasheet HTML 5Page - Micross Components AS8E128K32 Datasheet HTML 6Page - Micross Components AS8E128K32 Datasheet HTML 7Page - Micross Components AS8E128K32 Datasheet HTML 8Page - Micross Components AS8E128K32 Datasheet HTML 9Page - Micross Components AS8E128K32 Datasheet HTML 10Page - Micross Components AS8E128K32 Datasheet HTML 11Page - Micross Components AS8E128K32 Datasheet HTML 12Page - Micross Components AS8E128K32 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EEPROM
AS8E128K32
AS8E128K32
Rev. 8.2 07/10
Micross Components reserves the right to change products or specifications without notice.
9
DATA POLLING CHARACTERISTICS(1)
NOTES:
1. Toggling either OE or CE or Both OE and CE will operate toggle bit.
2. Beginning and ending state of I/O6 will vary.
3. Any address location may be used but the address should not vary.
NOTES: 1. These parameters are characterized and not 100% tested.
2. See AC Read Characteristics.
DATA POLLING WAVEFORMS
TOGGLE BIT WAVEFORMS(1,2,3)
NOTES: 1. These parameters are characterized and not 100% tested.
2. See AC Read Characteristics.
TOGGLE BIT CHARACTERISTICS(1)
WE\
CE\
OE\
I/O7
A0 - A16
t
OEH
t
DH
t
OE
t
WR
High-Z
An
An
An
An
An
Symbol
Parameter
Min
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE\ Hold Time
10
ns
tOE
OE\ to Output Delay
(2)
100
ns
tWR
Write Recovery Time
0
ns
Symbol
Parameter
Min
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE\ Hold Time
10
ns
tOE
OE\ to Output Delay
(2)
100
ns
tOEPH
OE\ High Pulse
150
ns
ICC
Write Recovery Time
0
ns
t
WR
t
OEHP
tWR
tWR
tOE
tDH
tOEH
HIGH Z
WE\
CE\
OE\
I/O 6
t
OEH
t
DH
t
OE
t
WR
t
OEHP


Similar Part No. - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/883C AUSTIN-AS8E128K32N-120/883C Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/IT AUSTIN-AS8E128K32N-120/IT Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/XT AUSTIN-AS8E128K32N-120/XT Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
More results

Similar Description - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8S512K32 MICROSS-AS8S512K32 Datasheet
1Mb / 17P
   Low power CMOS
logo
Holt Integrated Circuit...
HI-3182N HOLTIC-HI-3182N Datasheet
76Kb / 7P
   Low power CMOS
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
List of Unclassifed Man...
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com