Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9561315HYC Datasheet(PDF) 6 Page - Micross Components

Part # 5962-9561315HYC
Description  Three state outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

5962-9561315HYC Datasheet(HTML) 6 Page - Micross Components

Back Button 5962-9561315HYC Datasheet HTML 2Page - Micross Components 5962-9561315HYC Datasheet HTML 3Page - Micross Components 5962-9561315HYC Datasheet HTML 4Page - Micross Components 5962-9561315HYC Datasheet HTML 5Page - Micross Components 5962-9561315HYC Datasheet HTML 6Page - Micross Components 5962-9561315HYC Datasheet HTML 7Page - Micross Components 5962-9561315HYC Datasheet HTML 8Page - Micross Components 5962-9561315HYC Datasheet HTML 9Page - Micross Components 5962-9561315HYC Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SRAM
AS5C4009
AS5C4009
Rev. 5.2 01/10
Micross Components reserves the right to change products or specifications without notice.
6
READ CYCLE NO. 1 1
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2 2
(WE\ = V
IH)
LOW V
CC DATA RETENTION WAVEFORM
ADDRESS
t
RC
t
OH
t
AA
Previous Data Valid
Data Valid
DATA OUT
ADDRESS
t
RC
t
AA
CE\
t
CO1
t
OE
Data Valid
High-Z
t
OH
t
HZ
t
OHZ
t
OLZ
t
LZ
OE\
DATA OUT
Don’t Care
Undefined
t
SDR
t
RDR
Data Retention
V
CC
4.5V
2.2V
V
DR
GND
CE\
CE\ > Vcc - 0.2V
CE\ Controlled


Similar Part No. - 5962-9561315HYC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-9561315HYC ETC1-5962-9561315HYC Datasheet
117Kb / 12P
   SRAM
More results

Similar Description - 5962-9561315HYC

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
   Three state outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com