Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164-28CLR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9164-28CLR
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9164-28CLR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9164-28CLR Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164-28CLR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9164
DS9164-08 May 2001
www.richtek-ic.com.tw
3
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
IOUT = 100mA
--
1.1
1.2
V
IOUT = 500mA
--
1.15
1.25
V
IOUT = 800mA
--
1.2
1.3
V
Dropout Voltage
(2)
VDROP
IOUT = 1000mA
--
1.3
1.4
V
Current Limit
ILIMIT
VIN = 5V
1000
--
2000
mA
Minimum Load Current RT9164
(VIN-VOUT) = 2V
--
5
10
mA
Quiescent Current
RT9164-XX IQ
VIN = 5V
--
5
10
mA
Ripple Rejection
PSRR
fRIPPLE = 120Hz ,
(VIN - VOUT) = 2V, VRIPPLE = 1VP-P
--
72
--
dB
Adjust Pin Current
IADJ
--
65
120
µA
Adjust Pin Current Change
∆IADJ
10mA
≤ IOUT ≤ 1A, VIN = 5V
--
0.2
5
µA
Notes:
(1) Low duty cycle pulse testing with Kelvin connections.
(2) ΔVOUT and ΔVREF = 1%.
Function Block Diagram
Pin Description
Pin Name
Pin Function
ADJ/GND
Adjust or Ground
VOUT
Output Voltage
VIN
Power Input
S.O.A.
CURRENT
LIMITING
AMPLIFIER
THERMAL OVERLOAD
VOLTAGE
REGULATION
AMPLIFIER
VREF
LIMIT
SENSE
VIN
VOUT
ADJ/GND


Similar Part No. - RT9164-28CLR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results

Similar Description - RT9164-28CLR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com