Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL610-01-XXXGC-TR Datasheet(PDF) 3 Page - Microchip Technology

Part # PL610-01-XXXGC-TR
Description  1.8V to 3.3V, 1 MHz to 130 MHz XO IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01-XXXGC-TR Datasheet(HTML) 3 Page - Microchip Technology

  PL610-01-XXXGC-TR Datasheet HTML 1Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 2Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 3Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 4Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 5Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 6Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 7Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 8Page - Microchip Technology PL610-01-XXXGC-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005615A-page 3
PL610-01
TABLE 1-1:
AC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Crystal Input Frequency
5
130
MHz
Fundamental Crystal
FIN Input Frequency
1
130
MHz
@ VDD = 3.3V
@ VDD = 2.5V
@ VDD = 1.8V
FIN Input Signal Amplitude
0.9
VDD
VPP
Internally AC-coupled
(High Frequency)
0.1
VDD
Internally AC-coupled
(Low Frequency)
3.3V <50 MHz, 2.5V <40 MHz,
1.8V <15 MHz
Output Frequency
0.02
130
MHz
@ VDD = 1.8V-3.3V
VDD Sensitivity
–2
2
ppm
Frequency vs. VDD ±10%
Output Rise Time (see Figure 5-1)—
1
1.2
ns
15 pF Load, 10/90% VDD,
High Drive, 3.3V
Output Fall Time (see Figure 5-1)——
1
1.2
ns
15 pF Load, 10/90% VDD,
High Drive, 3.3V
Duty Cycle (Note 1, see Figure 5-1)
45
50
55
%
Note 1:
For 1.8V operation, the 50% ±5% duty cycle is guaranteed for frequencies ≤40 MHz.
TABLE 1-2:
DC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current, Dynamic, with
Loaded CMOS Output
IDD
—3.4
mA
VDD = 3.3V, 25 MHz,
Load = 15 pF
—2.1
VDD = 2.5V, 25 MHz,
Load = 10 pF
—0.9
VDD = 1.8V, 25 MHz,
Load = 5 pF
—0.65—
VDD = 1.8V, 2.0 MHz,
Load = 5 pF
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
——
0.1
V
IOL = +4 mA Standard Drive
Output High Voltage
VOH
VDD
0.4
——
V
IOH = –4 mA Standard Drive
Output Current, Low Drive
(See Figure 5-2)
IOLD
4—
mA
VOL = 0.4V, VOH = 2.4V
Output Current, Standard Drive
(See Figure 5-2)
IOSD
8—
mA
VOL = 0.4V, VOH = 2.4V
Output Current, High Drive
(See Figure 5-2)
IOHD
16
mA
VOL = 0.4V, VOH = 2.4V


Similar Part No. - PL610-01-XXXGC-TR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-01-XXXGC-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
   1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
   IC FOR 10.00 - 60.00 MHz XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com