Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9910CNG-G Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9910CNG-G
Description  Universal High-Brightness LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9910CNG-G Datasheet(HTML) 1 Page - Microchip Technology

  HV9910CNG-G Datasheet HTML 1Page - Microchip Technology HV9910CNG-G Datasheet HTML 2Page - Microchip Technology HV9910CNG-G Datasheet HTML 3Page - Microchip Technology HV9910CNG-G Datasheet HTML 4Page - Microchip Technology HV9910CNG-G Datasheet HTML 5Page - Microchip Technology HV9910CNG-G Datasheet HTML 6Page - Microchip Technology HV9910CNG-G Datasheet HTML 7Page - Microchip Technology HV9910CNG-G Datasheet HTML 8Page - Microchip Technology HV9910CNG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2014 Microchip Technology Inc.
DS20005323A-page 1
HV9910C
Features
• Switch mode controller for single switch LED drivers
• Enhanced drop-in replacement to the HV9910B
• Open loop peak current controller
• Internal 15 to 450V linear regulator
• Constant frequency or constant off-time operation
• Linear and PWM dimming capability
• Requires few external components for operation
• Over-temperature protection
Applications
• DC/DC or AC/DC LED driver applications
• RGB back-lighting LED driver
• Back lighting of flat panel displays
• General purpose constant current source
• Signage and decorative LED lighting
• Chargers
Description
HV9910C is an open-loop, current-mode control, LED
driver IC. This IC can be programmed to operate in
either a constant frequency or constant off-time mode.
It includes a 15 – 450V linear regulator which allows it
to work with a wide range of input voltages without the
need for an external low voltage supply. HV9910C
includes a TTL-compatible, PWM-dimming input that
can accept an external control signal with a duty ratio
of 0 – 100% and a frequency of up to a few kilohertz. It
also includes a 0 – 250mV linear-dimming input which
can be used for linear dimming of the LED current.
Unlike the HV9910B, the HV9910C is equipped with
built-in thermal-shutdown protection.
HV9910C is ideally suited for buck LED drivers. Since
the HV9910C operates in open-loop current mode con-
trol, the controller achieves good output current regula-
tion without the need for any loop compensation. Also,
being
an
open-loop
controller,
PWM-dimming
response is limited only by the rate of rise of the induc-
tor current, enabling a very fast rise and fall times of the
LED current. HV9910C requires only three external
components (apart from the power stage) to produce a
controlled LED current. This makes HV9910C an ideal
solution for low-cost LED drivers.
Universal High-Brightness LED Driver


Similar Part No. - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910CNG-G SUTEX-HV9910CNG-G Datasheet
782Kb / 8P
   The HV9910C is an open loop, current mode, control LED driver IC.
HV9910CNG-GM934 SUTEX-HV9910CNG-GM934 Datasheet
782Kb / 8P
   The HV9910C is an open loop, current mode, control LED driver IC.
More results

Similar Description - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
   Universal High Brightness LED Driver
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com