Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9923 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV9923
Description  3-Pin Switch-Mode LED Lamp Driver ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9923 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV9923 Datasheet HTML 2Page - Microchip Technology HV9923 Datasheet HTML 3Page - Microchip Technology HV9923 Datasheet HTML 4Page - Microchip Technology HV9923 Datasheet HTML 5Page - Microchip Technology HV9923 Datasheet HTML 6Page - Microchip Technology HV9923 Datasheet HTML 7Page - Microchip Technology HV9923 Datasheet HTML 8Page - Microchip Technology HV9923 Datasheet HTML 9Page - Microchip Technology HV9923 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
HV9921/HV9922/HV9923
DS20005311A-page 6
 2014 Microchip Technology Inc.
2.0
PIN DESCRIPTION
See Pin Diagram on page 3 for the figures.
3.0
FUNCTIONAL DESCRIPTION
The HV9921/22/23 are PWM peak current controllers
designed to control a buck converter topology in contin-
uous conduction mode (CCM). The output current is
internally preset at 20mA for HV9921, 50mA for
HV992, and 30mA for HV9923.
When the input voltage of 20 to 400V appears at the
DRAIN pin, the internal high-voltage linear regulator
seeks to maintain a voltage of 7.5VDC at the VDD pin.
Until this voltage exceeds the internally programmed
under-voltage threshold, the output switching MOSFET
is non-conductive. When the threshold is exceeded,
the MOSFET turns on. The input current begins to flow
into the DRAIN pin. Hysteresis is provided in the under-
voltage comparator to prevent oscillation.
When the input current exceeds the internal preset
level, a current sense comparator resets an RS flip-
flop, and the MOSFET turns off. At the same time, a
one-shot circuit is activated that determines the dura-
tion of the off-state (10.5μs typical). As soon as this
time is over, the flip-flop sets again. The new switching
cycle begins.
A “blanking” delay of 300ns is provided that prevents
false triggering of the current sense comparator due to
the leading edge spike caused by circuit parasitics.
4.0
APPLICATION INFORMATION
HV9921/22/23 are low-cost off-line buck converter ICs
specifically designed for driving multi-LED strings.
They can be operated from either universal AC line
range of 85 to 264VAC, or 20 to 400VDC, and drive up
to tens of high-brightness LEDs. All LEDs can be run in
series, and the HV9921/22/23 regulate at constant cur-
rent, yielding uniform illumination. HV9921/22/23 are
compatible with triac dimmers. The output current is
internally fixed at 20mA for HV9921, 50mA for HV9922,
and 30mA for HV9923. These parts are available in
space saving TO-92 and SOT-89 packages.
4.1
Selecting L1 and D1
There is a certain trade-off to be considered between
optimal sizing of the output inductor L1 and the toler-
ated output current ripple. The required value of L1 is
inversely proportional to the ripple current ∆IO in it.
VO is the forward voltage of the LED string. TOFF is the
off-time of HV9921/22/23. The output current in the
LED string (IO) is calculated then as:
where ITH is the current sense comparator threshold.
The ripple current introduces a peak-to-average error
in the output current setting that needs to be accounted
for. Due to the constant off-time control technique used
in HV9921/22/23, the ripple current is independent of
the input AC or DC line voltage variation. Therefore, the
output current will remain unaffected by the varying
input voltage.
Adding a filter capacitor across the LED string can
reduce the output current ripple even further, thus per-
mitting a reduced value of L1. However, keep in mind
that the peak-to-average current error is affected by the
variation of TOFF. Therefore, the initial output current
accuracy might be sacrificed at large ripple current in
L1.
Another important aspect of designing an LED driver
with the HV9921/22/23 is related to certain parasitic
elements of the circuit, including distributed coil capac-
itance of L1, junction capacitance and reverse recovery
of the rectifier diode D1, capacitance of the printed cir-
cuit board traces CPCB and output capacitance CDRAIN
of the controller itself. These parasitic elements affect
the efficiency of the switching converter and could
potentially cause false triggering of the current sense
comparator if not properly managed. Minimizing these
parasitics is essential for efficient and reliable operation
of the HV9921/22/23.
TABLE 2-1:
PIN DESCRIPTION
Pin #
Name
Description
1
Drain
Drain terminal of the output switching MOSFET and a linear regulator input
2
GND
Common connection for all circuits
3
VDD
Power Supply pin for all control circuits. By pass this pin with a 0.1 μF low-impedance
capacitor
L1
VO TOFF
IO
-------------------------------
=
IO ITH
1
2
---
IO

=


Similar Part No. - HV9923

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
HV9923N3-G SUTEX-HV9923N3-G Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
HV9923N8-G SUTEX-HV9923N8-G Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
More results

Similar Description - HV9923

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com