Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C512K8F-25L Datasheet(PDF) 1 Page - Micross Components

Part # AS5C512K8F-25L
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C512K8F-25L Datasheet(HTML) 1 Page - Micross Components

  AS5C512K8F-25L Datasheet HTML 1Page - Micross Components AS5C512K8F-25L Datasheet HTML 2Page - Micross Components AS5C512K8F-25L Datasheet HTML 3Page - Micross Components AS5C512K8F-25L Datasheet HTML 4Page - Micross Components AS5C512K8F-25L Datasheet HTML 5Page - Micross Components AS5C512K8F-25L Datasheet HTML 6Page - Micross Components AS5C512K8F-25L Datasheet HTML 7Page - Micross Components AS5C512K8F-25L Datasheet HTML 8Page - Micross Components AS5C512K8F-25L Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
• UltraHighSpeedAsynchronousOperation
• FullyStatic,NoClocks
• Multiplecenterpowerandgroundpinsforimproved
noiseimmunity
• EasymemoryexpansionwithCE\andOE\
options
• AllinputsandoutputsareTTL-compatible
• Single+5VPowerSupply+/-10%
• DataRetentionFunctionalityTesting
• CostEfficientPlasticPackaging
• ExtendedTestingOver-55ºCto+125ºCforplastics
• Plastic36pinPSOJisfullycompatiblewiththe
Ceramic36pinSOJandofferedinleadfreefinish
• TSOPIIinCopperLeadFrameforSuperiorThermal
Performance2
• RoHSCompliantOptionsAvailable
OPTIONS
MARKING
• Timing
12nsaccess
-12
15nsaccess
-15
17nsaccess
-17
20nsaccess
-20
25nsaccess
-25
35nsaccess
-35
45nsaccess
-45
• OperatingTemperatureRanges
FullMilitary(-55oCto+125oC)
/883C
Military(-55oCto+125oC)
XT
Industrial(-40oCto+85oC)
IT
• Package(s)
CeramicLCC
EC
CeramicFlatpack
F
PlasticSOJ(LeadFree)1
DJ
CeramicSOJ(attachedformedlead) ECJ
CeramicSOJ
SOJ
PlasticTSOPII(44pin,400mil)
DGC2
PlasticTSOPII(RoHSCompliant) DGCR2
• 2Vdataretention/lowpower3L
Notes:
1.Pbfinishalsoavailable,contactfactory
2.ContactfactoryforCopperLeadFrameProducts
3.NotavailableforpartsinDGC&DGCRpackages.
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD5962-95600
•SMD5962-95613
•MIL-STD-883
512K x 8 SRAM
HIGH SPEED SRAM with
REVOLUTIONARY PINOUT
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Ultra High Speed Asynchronous Operation
• Fully Static, No Clocks
• Multiple center power and ground pins for improved
noise immunity
• Easy memory expansion with CE\ and OE\
options
• All inputs and outputs are TTL-compatible
• Single +5V Power Supply +/- 10%
• Data Retention Functionality Testing
• Cost Efficient Plastic Packaging
• Extended Testing Over -55ºC to +125ºC for plastics
• Plastic 36 pin PSOJ is fully compatible with the
Ceramic 36 pin SOJ and offered in lead free finish
• 3.3V Future Offering
OPTIONS
MARKING
• Timing
12ns access
-12
15ns access
-15
17ns access
-17
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
• Operating Temperature Ranges
Full Military (-55oC to +125oC)
/883C
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Package(s)
Ceramic LCC
EC
Ceramic Flatpack
F
Plastic SOJ (Lead Free)*
DJ
Ceramic SOJ (attached formed lead) ECJ
Ceramic SOJ
SOJ
* Pb finish also available, contact factory
• 2V data retention/low power
L
PIN ASSIGNMENT
(Top View)
36-Pin SOJ (DJ, ECJ & SOJ)
36-Pin CLCC (EC)
GENERAL DESCRIPTION
The AS5C512K8 is a high speed SRAM. It offers flexibility in
high-speed memory applications, with chip enable (CE\) and output
enable (OE\) capabilities. These features can place the outputs in
High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW.
As a option, the device can be supplied offering a reduced power
standby mode, allowing system designers to meet low standby power
requirements. This device operates from a single +5V power supply
and all inputs and outputs are fully TTL-compatible.
The AS5C512K8DJ offers the convenience and reliability of the
AS5C512K8 SRAM and has the cost advantage of a durable plastic.
The AS5C512K8DJ is footprint compatible with 36 pin CSOJ
package of the SMD 5692-95600.
36-Pin Flat Pack (F)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD 5962-95600
•SMD 5962-95613
•MIL-STD-883
512K x 8 SRAM
HIGH SPEED SRAM with
REVOLUTIONARY PINOUT
For more products and information
please visit our web site at
www.austinsemiconductor.com
44-Pin TSOPII (DGC & DGCR)
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
PIN DESCRIPTIONS
A0-A18
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Bidirectional Ports
VDD
Power
GND
Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CE
I/O0
I/O1
VDD
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
A18
A17
A16
A15
OE
I/O7
I/O6
GND
VDD
I/O5
I/O4
A14
A13
A12
A11
A10
NC
HIGH SPEED (IS61/64C5128AL) PIN CONFIGURATION
36-Pin SOJ (400-mil)
44-Pin TSOP (Type II)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
NC
A0
A1
A2
A3
A4
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
NC
NC
NC
NC
A18
A17
A16
A15
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A14
A13
A12
A11
A10
NC
NC
NC
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Ultra High Speed Asynchronous Operation
• Fully Static, No Clocks
• Multiple center power and ground pins for improved
noise immunity
• Easy memory expansion with CE\ and OE\
options
• All inputs and outputs are TTL-compatible
• Single +5V Power Supply +/- 10%
• Data Retention Functionality Testing
• Cost Efficient Plastic Packaging
• Extended Testing Over -55ºC to +125ºC for plastics
• Plastic 36 pin PSOJ is fully compatible with the
Ceramic 36 pin SOJ and offered in lead free finish
• 3.3V Future Offering
OPTIONS
MARKING
• Timing
12ns access
-12
15ns access
-15
17ns access
-17
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
• Operating Temperature Ranges
Full Military (-55oC to +125oC)
/883C
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Package(s)
Ceramic LCC
EC
Ceramic Flatpack
F
Plastic SOJ (Lead Free)*
DJ
Ceramic SOJ (attached formed lead) ECJ
Ceramic SOJ
SOJ
* Pb finish also available, contact factory
• 2V data retention/low power
L
PIN ASSIGNMENT
(Top View)
36-Pin SOJ (DJ, ECJ & SOJ)
36-Pin CLCC (EC)
GENERAL DESCRIPTION
The AS5C512K8 is a high speed SRAM. It offers flexibility in
high-speed memory applications, with chip enable (CE\) and output
enable (OE\) capabilities. These features can place the outputs in
High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW.
As a option, the device can be supplied offering a reduced power
standby mode, allowing system designers to meet low standby power
requirements. This device operates from a single +5V power supply
and all inputs and outputs are fully TTL-compatible.
The AS5C512K8DJ offers the convenience and reliability of the
AS5C512K8 SRAM and has the cost advantage of a durable plastic.
The AS5C512K8DJ is footprint compatible with 36 pin CSOJ
package of the SMD 5692-95600.
36-Pin Flat Pack (F)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD 5962-95600
•SMD 5962-95613
•MIL-STD-883
512K x 8 SRAM
HIGH SPEED SRAM with
REVOLUTIONARY PINOUT
For more products and information
please visit our web site at
www.austinsemiconductor.com


Similar Part No. - AS5C512K8F-25L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8F-25L AUSTIN-AS5C512K8F-25L Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-25L/883C AUSTIN-AS5C512K8F-25L/883C Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-25L/H AUSTIN-AS5C512K8F-25L/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-25L/H AUSTIN-AS5C512K8F-25L/H Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
More results

Similar Description - AS5C512K8F-25L

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com