Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9560005MMA Datasheet(PDF) 5 Page - Micross Components

Part # 5962-9560005MMA
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

5962-9560005MMA Datasheet(HTML) 5 Page - Micross Components

  5962-9560005MMA Datasheet HTML 1Page - Micross Components 5962-9560005MMA Datasheet HTML 2Page - Micross Components 5962-9560005MMA Datasheet HTML 3Page - Micross Components 5962-9560005MMA Datasheet HTML 4Page - Micross Components 5962-9560005MMA Datasheet HTML 5Page - Micross Components 5962-9560005MMA Datasheet HTML 6Page - Micross Components 5962-9560005MMA Datasheet HTML 7Page - Micross Components 5962-9560005MMA Datasheet HTML 8Page - Micross Components 5962-9560005MMA Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
5
Inputpulselevels...............................................Vssto3.0V
Inputriseandfalltimes..................................................3ns
Inputtimingreferencelevels........................................1.5V
Outputreferencelevels..................................................1.5V
Outputload.................................................SeeFigures1
and2
NOTES
1. AllvoltagesreferencedtoV
SS(GND).
2. -2Vforpulsewidth<20ns
3. I
CCisdependentonoutputloadingandcyclerates.
4. Thisparameterisguaranteedbutnottested.
5. Testconditionsasspecifiedwiththeoutputloading
asshowninFig.1unlessotherwisenoted.
6. tLZCE,tLZWE,tLZOE,tHZCE,tHZOEandtHZWE
arespecifiedwithCL=5pFasinFig.2.Transitionis
measured±200mVfromsteadystatevoltage.
7. Atanygiventemperatureandvoltagecondition,
t
HZCEislessthantLZCE,andtHZWEislessthan
t
LZWE.
8. WE\isHIGHforREADcycle.
9. Deviceiscontinuouslyselected.Chipenablesand
outputenablesareheldintheiractivestate.
10. Addressvalidpriorto,orcoincidentwith,latest
occurringchipenable.
11.tRC=ReadCycleTime.
12. Chipenableandwriteenablecaninitiateand
terminateaWRITEcycle.
13. Outputenable(OE\)isinactive(HIGH).
14. Outputenable(OE\)isactive(LOW).
15.ASIdoesnotwarrantfunctionalitynorreliabilityof
anyproductinwhichthejunctiontemperature
exceeds150°C.Careshouldbetakentolimitpowerto
acceptablelevels.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
DESCRIPTION
SYM
MIN MAX UNITS NOTES
Vcc for Retention Data
VDR
2V
Data Retention Current
Vcc = 2.0V
ICCDR
2
mA
Chip Deselect to Data
tCDR
0
ns
4
Operation Recovery Time
tR
10
ms
4, 11
CONDITIONS
CE\ > VCC -0.2V
VIN > VCC -0.2 or 0.2V
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
167 ohms
167 ohms
1.73V
1.73V
C=5pF
C=30pF
Q
Q
Input pulse levels ...................................................... Vss to 3.0V
Input rise and fall times ......................................................... 3ns
Input timing reference levels ............................................... 1.5V
Output reference levels ........................................................ 1.5V
Output load ................................................. See Figures 1 and 2
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-2V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
t
LZCE, tLZWE, tLZOE, tHZCE, tHZOE and tHZWE
are specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV from steady state voltage.
7.
At any given temperature and voltage condition,
t
HZCE is less than tLZCE, and tHZWE is less than
t
LZWE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. Chip enable and write enable can initiate and
terminate a WRITE cycle.
13. Output enable (OE\) is inactive (HIGH).
14. Output enable (OE\) is active (LOW).
15. ASI does not warrant functionality nor reliability of
any product in which the junction temperature
exceeds 150°C. Care should be taken to limit power to
acceptable levels.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
DESCRIPTION
SYM
MIN
MAX
UNITS
NOTES
Vcc for Retention Data
VDR
2V
Data Retention Current
Vcc = 2.0V
ICCDR
800
uA
Chip Deselect to Data
tCDR
0
ns
4
Operation Recovery Time
tR
10
ms
4, 11
CONDITIONS
CE\ > VCC -0.2V
VIN > VCC -0.2 or 0.2V


Similar Part No. - 5962-9560005MMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9560302QCA TI1-5962-9560302QCA Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
5962-95604 NSC-5962-95604 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962-9560401QPA NSC-5962-9560401QPA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
5962-9560401QPA TI1-5962-9560401QPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962-9560401QPA TI-5962-9560401QPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - 5962-9560005MMA

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com