Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM863 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM863
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM863 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  SDM863 Datasheet HTML 1Page - Burr-Brown (TI) SDM863 Datasheet HTML 2Page - Burr-Brown (TI) SDM863 Datasheet HTML 3Page - Burr-Brown (TI) SDM863 Datasheet HTML 4Page - Burr-Brown (TI) SDM863 Datasheet HTML 5Page - Burr-Brown (TI) SDM863 Datasheet HTML 6Page - Burr-Brown (TI) SDM863 Datasheet HTML 7Page - Burr-Brown (TI) SDM863 Datasheet HTML 8Page - Burr-Brown (TI) SDM863 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
®
SDM862/863/872/873
2
16 Single-Ended
or
8 Differential
Input
Multiplexer
Inst
Amp
S/H
Amp
12-Bit
A/D
Converter
Digital
Data
Outputs
CH0
+
CH7
CH
15
CH0
CH7
CH0
+ – –
+
*(Output MUX Minus)
Only on SDM863/873
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
CC = ±15V, VDD = 5V, external sample/hold capacitor of 4700pF. All grades are burned-in at +125°C for 48 hours min.
±5, ±10
0-10
SDM862/863/872/873 J, A, R
SDM862/863/872/873 K, B, S
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
*
Bits
INPUT
ANALOG
Voltage Ranges: Bipolar
V
Unipolar
V
Input Impedance: On Channel
1010
*
Off Channel
1010
*
Input Capacitance: On Channel
20
*
pF
Off Channel
20
*
pF
CMRR (20VDC to 1kHz)
80
85
*
*
dB
Crosstalk (20Vp-p, 1kHz) (1)
–85
–80
*
*
dB
Feedthrough (at 1kHz) (1)
–85
–80
*
*
dB
Offset (channel to channel) G = 1 (2)
30
100
*
*
µV
Input Bias Current/Channel
1
5
*
*
nA
Input Voltage Range (3)
+10
+11
*
*
V
–10
–15
*
*
V
DIGITAL (7, 8)
MUX Input Channel Select: Logic ‘1’
5
30
*
*
µA
Logic ‘0’
5
30
*
*
µA
MUX Input: Logic High
4.0
*
V
Logic Low
0.8
*
V
S/H Command: Logic ‘1’
0.2
*
nA
Logic ‘0’
5
30
*
*
µA
ADC Section: Logic ‘1’
10
*
µA
Logic ‘0’
10
*
µA
TRANSFER CHARACTERISTICS
ACCURACY
Integral Linearity (4)
±0.024
±0.012
%FSR
Differential Linearity (4)
±0.024
*
%FSR
No Missing Codes
Over Operating Temperature Range
Gain Error (5): G = 1
0.5
*
%
G = 100
0.9
*
%
Unipolar Offset Error (5)
16
*
mV
Bipolar Offset Error (5)
50
*
mV
Noise Error
(Measured at S/H Output) G = 1
0.5
1
*
*
mVp-p
Droop Rate
50
500
*
*
µV/ms
Temperature Coefficients:
Unipolar Offset
20
15
ppm of FSR/
°C
Bipolar Offset
30
25
ppm of FSR/
°C
Full-Scale Calibration
60
35
ppm of FSR/
°C


Similar Part No. - SDM863

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM863

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com