Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C512K8ECJ-35 Datasheet(PDF) 11 Page - Micross Components

Part # AS5C512K8ECJ-35
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C512K8ECJ-35 Datasheet(HTML) 11 Page - Micross Components

Back Button AS5C512K8ECJ-35 Datasheet HTML 7Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 8Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 9Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 10Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 11Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 12Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 13Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 14Page - Micross Components AS5C512K8ECJ-35 Datasheet HTML 15Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
11
MECHANICAL DEFINITIONS*
Micross Case #307 (Package Designator F)
SMD 5962-95600, Case Outline T
Bottom View
36
1
c
E2
A
Q
*All measurements are in inches.
D
e
b
Top View
D1
S
E
L
Pin1identifierarea
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #307 (Package Designator F)
SMD 5962-95600, Case Outline T
Bottom View
36
1
c
E2
A
Q
MIN
MAX
A
0.096
0.125
b
0.015
0.022
c
0.003
0.009
D
0.910
0.930
D1
0.840
0.860
E
0.505
0.515
E2
0.385
0.397
e
L
0.250
0.370
Q
0.020
0.045
SYMBOL
0.050 BSC
SMD SPECIFICATIONS
*All measurements are in inches.
D
e
b
Top View
D1
S
E
L
Pin 1 identifier area


Similar Part No. - AS5C512K8ECJ-35

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8ECJ-35 AUSTIN-AS5C512K8ECJ-35 Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-35/H AUSTIN-AS5C512K8ECJ-35/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-35/H AUSTIN-AS5C512K8ECJ-35/H Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-35L AUSTIN-AS5C512K8ECJ-35L Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-35L/H AUSTIN-AS5C512K8ECJ-35L/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
More results

Similar Description - AS5C512K8ECJ-35

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com