Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164-25CL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RT9164-25CL
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9164-25CL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RT9164-25CL Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9164-25CL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9164
www.richtek-ic.com.tw
DS9164-08 May 2001
8
Application Information
Output voltage adjustment
Like most regulators, the RT9164 regulates the
output by comparing the output voltage to an
internally generated reference voltage. On the
adjustable version as shown in Fig.4, the VREF is
available externally as 1.25V between VOUT and
ADJ. The voltage ratio formed by R1 and R2 should
be set to conduct 10mA (minumum output load).
The output voltage is given by the following
equation:
VOUT = VREF (1+
2
1
R
R
) + IADJ
× R2
On fixed versions of RT9164, the voltage divider is
provided internally.
Fig. 4 Basic Adjustable Regulator
Input Bypass Capacitor
An input capacitor is recommended. A 10
µF tantalum
on the input is a suitable input bypassing for almost
all applications.
Adjust Terminal Bypass Capacitor
The adjust terminal can be bypassed to ground with
a bypass capacitor (CADJ) to improve ripple rejection.
This bypass capacitor prevents ripple from being
amplified as the output voltage is increased. At any
ripple frequency, the impedance of the CADJ should
be less than R1 to prevent the ripple from being
amplified:
(2
π * fRIPPLE * CADJ) < R1
The R1 is the resistor between the output and the
adjust pin. Its value is normally in the range of 100-
200
Ω. For example, with R1 = 124Ω and fRIPPLE =
120Hz, the CADJ should be
> 11µF.
Output Capacitor
RT9164 requires a capacitor from VOUT to GND to
provide compensation feedback to the internal gain
stage. This is to ensure stability at the output
terminal. Typically, a 10
µF tantalum or 50µF
aluminum electrolytic is sufficient.
Note: It is important that the ESR for this capacitor
does not exceed 0.5
Ω.
The output capacitor does not have a theoretical
upper limit and increasing its value will increase
stability. COUT = 100
µF or more is typical for high
current regulator design.
Load Regulation
When the adjustable regulator is used (Fig.5), the
best load regulation is accomplished when the top of
the resistor divider (R1) is connected directly to the
output pin of the RT9164. When so connected, RP is
not multiplied by the divider ratio. For Fixed output
version, the top of R1 is internally connected to the
output and ground pins can be connected to low side
of the load.
Fig. 5 Best Load Regulation Using Adjustable Output
Regulator
Thermal Protection
RT9164 has thermal protection which limits junction
temperature to 150
°C. However, device functionality
RT9164
VOUT
VIN
VIN
GND
RL
Connect R2 to load
RP Parasitic
Line Resistance
R2
R1
(Connect R1
to case R2)
RT9164
ADJ
VOUT
VREF R1
R2
VOUT
IADJ
65
µA
VIN
VIN
10
µF
+
CADJ
+
10
µF
+


Similar Part No. - RT9164-25CL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results

Similar Description - RT9164-25CL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com