Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR232M72APBGR-5 Datasheet(PDF) 7 Page - Micross Components

Part # AS4DDR232M72APBGR-5
Description  4-bit prefetch architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBGR-5 Datasheet(HTML) 7 Page - Micross Components

Back Button AS4DDR232M72APBGR-5 Datasheet HTML 3Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 4Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 5Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 6Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 7Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 8Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 9Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 10Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
7
Micross Components reserves the right to change products or specifications without notice.
NOTES:
1. Applying power; if CKE is maintained below 0.2 x VCCQ,
outputs remain disabled. To guarantee RTT (ODT resistance) is off,
VREF must be valid and a low level must be applied to the ODT ball (all
other inputs may be undefined, I/Os and outputs must be less
than VCCQ during voltage ramp time to avoid DDR2 SDRAM
device latch-up). At least one of the following two sets of conditions (A
or B) must be met to obtain a stable supply state (stable
supply defined as VCC, VCCQ,VREF, and VTT are between their
minimum and maximum values as stated in DC Operating Conditions table):
A. (single power source) The VCC voltage ramp from 300mV
to VCC(MIN) must take no longer than 200ms; during the VCC
voltage ramp, |VCC - VCCQ| < 0.3V. Once supply voltage
ramping is complete (when VCCQ crosses VCC (MIN), DC
OperatingConditionstablespecificationsapply.
•VCC,VCCQaredrivenfromasinglepowerconverteroutput
•VTTislimitedto0.95VMAX
• VREF tracks VCCQ/2; VREF must be within ±3V with respect
to VCCQ/2 during supply ramp time.
•VCCQ>VREFatalltimes
B. (multiple power sources) VCC e” VCCQ must be maintained
during supply voltage ramping, for both AC and DC levels, until
supply voltage ramping completes (VCCQ crosses VCC [MIN]).
Once supply voltage ramping is complete, DC Operating
Conditionstablespecificationsapply.
•ApplyVCCbeforeoratthes ametimeasVCCQ ;
VCC voltage ramp time must be < 200ms from when VCC ramps from
300mV to VCC (MIN)
• Apply VCCQ before or at the same time as VTT; the VCCQ
voltage ramp time from when VCC (MIN) is achieved to when
VCCQ (MIN) is achieved must be < 500ms; while VCC is
ramping, current can be supplied from VCC through the device
to VCCQ
• VREF must track VCCQ/2, VREF must be within ±0.3V with
respect to VCCQ/2 during supply ramp time; VCCQ > VREF
must be met at all times
• Apply VTT; The VTT voltage ramp time from when VCCQ
(MIN) is achieved to when VTT (MIN) is achieved must be no
greaterthan500ms
2. For a minimum of 200µs after stable power and clock (CK, CK#),
apply NOP or DESELECT commands and take CKE HIGH.
3. Wait a minimum of 400ns, then issue a PRECHARGE ALL command/
4. Issue an LOAD MODE command to the EMR(2). (To issue an
EMR(2) command, provide LOW to BA0, provide HIGH to BA1.)
5. Issue a LOAD MODE command to the EMR(3). (To issue an EMR(3)
command, provide HIGH to BA0 and BA1.)
6. Issue an LOAD MODE command to the EMR to enable DLL. To
issue a DLL ENABLE command, provide LOW to BA1 and A0,
provide HIGH to BA0. Bits E7, E8, and E9 can be set to “0” or “1”;
Micronrecommendssettingthemto“0.”
7. Issue a LOAD MODE command for DLL RESET. 200 cycles of
clock input
is required to lock the DLL. (To issue a DLL
RESET,
provide HIGH to A8 and provide LOW to BA1, and BA0.) CKE
must be HIGH the entire time.
8. Issue PRECHARGE ALL command.
9.IssuetwoormoreREFRESHcommands,followedbyadummyWRITE.
10. Issue a LOAD MODE command with LOW to A8 to initialize
device operation (i.e., to program operating parameters without resetting the
DLL).
11. Issue a LOAD MODE command to the EMR to enable OCD default
by setting bits E7, E8, and E9 to “1,” and then setting all other
desired parameters.
12. Issue a LOAD MODE command to the EMR to enable OCD exit by setting bits
E7,E8,andE9to“0,”andthensettingallotherdesiredparameters.
13. Issue a LOAD MODE command with LOW to A8 to initialize
device operation (i.e., to program operating parameters without resetting the
DLL).
14. Issue a LOAD MODE command to the EMR to enable OCD default by setting
bitsE7,E8,andE9to“1,”andthensettingallotherdesiredparameters.
15. IssueaLOA DMOD EcommandtotheE MRto
enable OCD exit by setting bits E7, E8, and E9 to “0,” and then
setting all other desired parameters. The DDR2 SDRAM is now
initialized and ready for normal operation 200 clocks after DLL RESET (in
step 7).


Similar Part No. - AS4DDR232M72APBGR-5

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/ET AUSTIN-AS4DDR232M72PBG-3/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/IT AUSTIN-AS4DDR232M72PBG-3/IT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/XT AUSTIN-AS4DDR232M72PBG-3/XT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-38/ET AUSTIN-AS4DDR232M72PBG-38/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M72APBGR-5

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32160C ISSI-IS43DR32160C Datasheet
1Mb / 44P
   4-bit prefetch architecture
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
logo
Micross Components
MYX4DDR3L128M16JT MICROSS-MYX4DDR3L128M16JT Datasheet
4Mb / 129P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
AS4C256M16D3A-12BCN ALSC-AS4C256M16D3A-12BCN Datasheet
1Mb / 83P
   8n-bit prefetch architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Microchip Technology
39504 MICROCHIP-39504 Datasheet
232Kb / 16P
   Section 4. Architecture
2000
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com