Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4SD8M16 Datasheet(PDF) 2 Page - Micross Components

Part # AS4SD8M16
Description  Self Refresh Mode
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 Datasheet(HTML) 2 Page - Micross Components

  AS4SD8M16 Datasheet HTML 1Page - Micross Components AS4SD8M16 Datasheet HTML 2Page - Micross Components AS4SD8M16 Datasheet HTML 3Page - Micross Components AS4SD8M16 Datasheet HTML 4Page - Micross Components AS4SD8M16 Datasheet HTML 5Page - Micross Components AS4SD8M16 Datasheet HTML 6Page - Micross Components AS4SD8M16 Datasheet HTML 7Page - Micross Components AS4SD8M16 Datasheet HTML 8Page - Micross Components AS4SD8M16 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
2
GENERAL DESCRIPTION
The 128Mb SDRAM is a high-speed CMOS, dynamic
random-access memory containing 134, 217, 728 bits. It is
internally configured as a quad-bank DRAM with a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CLK). Each of the 33, 554,
432-bit banks is organized as 4,096 rows by 512 columns by
16 bits.
Read and write accesses to the SDRAM are burst ori-
ented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence.
Accesses begin with the registration of an ACTIVE command,
which is then followed by a READ or WRITE command. The
address bits registered coincident with the ACTIVE command
are used to select the bank and row to be accessed (BA0, BA1
select the bank; A0-A11 select the row). The address bits
registered coincident with the READ or WRITE command
are used to select the starting column location for the burst
access.
The SDRAM provides for programmable READ or
WRITE burst lengths of 1, 2, 4, or 8 locations, or the full page,
with a burst terminate option. An auto precharge function may
be enabled to provide a self-timed row precharge that is initiated
at the end of the burst sequence.
The 128Mb SDRAM uses an internal pipelined
architecture to achieve high-speed operation. This
architecture is compatible with the 2n rule of prefetch
architectures, but it also allows the column address to be
changed on every clock cycle to achieve a high-speed, fully
random operation. Precharging one bank while accessing one of
the other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
The 128Mb SDRAM is designed to operate in 3.3V mem-
ory systems. An auto refresh mode is provided, along with a
power-saving, power-down mode. All inputs and outputs are
LVTTL-compatible.
SDRAMs offer substantial advances in DRAM operating
performance, including the ability to synchronously burst data at
a high data rate with automatic column-address generation, the
ability to interleave between internal banks to hide precharge
time and the capability to randomly change column addresses
on each clock cycle during a burst access.
FUNCTIONAL BLOCK DIAGRAM
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
10/19/2011
IS45S81600E, IS45S16800E
DEVICE OVERVIEW
The 128Mb SDRAM is a high speed CMOS, dynamic
random-access memory designed to operate in 3.3V Vdd
and 3.3V Vddq memory systems containing 134,217,728
bits. Internally configured as a quad-bank DRAM with a
synchronous interface. Each 33,554,432-bit bank is orga-
nized as 4,096 rows by 512 columns by 16 bits or 4,096
rows by 1,024 columns by 8 bits.
The 128Mb SDRAM includes an AUTO REFRESH MODE,
and a power-saving, power-down mode. All signals are
registered on the positive edge of the clock signal, CLK.
All inputs and outputs are LVTTL compatible.
The 128Mb SDRAM has the ability to synchronously burst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during
burst access.
A self-timed row precharge initiated at the end of the burst
sequenceisavailablewiththeAUTOPRECHARGEfunction
enabled. Precharge one bank while accessing one of the
other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting
at a selected location and continuing for a programmed
number of locations in a programmed sequence. The
registration of an ACTIVE command begins accesses,
followed by a READ or WRITE command. The ACTIVE
command in conjunction with address bits registered are
used to select the bank and row to be accessed (BA0,
BA1 select the bank; A0-A11 select the row). The READ
or WRITE commands in conjunction with address bits
registered are used to select the starting column location
for the burst access.
Programmable READ or WRITE burst lengths consist of
1, 2, 4 and 8 locations or full page, with a burst terminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQML
DQMH
DQ 0-15
VDD/VDDQ
Vss/VssQ
12
12
9
12
12
9
16
16
16
16
512
(x 16)
4096
4096
4096
4096
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 2MX16X4 BANKS ONlY)


Similar Part No. - AS4SD8M16

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD8M16 AUSTIN-AS4SD8M16 Datasheet
6Mb / 51P
   128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/ET AUSTIN-AS4SD8M16DG-75/ET Datasheet
6Mb / 51P
   128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/IT AUSTIN-AS4SD8M16DG-75/IT Datasheet
6Mb / 51P
   128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD8M16DG-75/XT AUSTIN-AS4SD8M16DG-75/XT Datasheet
6Mb / 51P
   128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD8M16

ManufacturerPart #DatasheetDescription
logo
Winbond
W94AD6KB WINBOND-W94AD6KB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W949D6DB WINBOND-W949D6DB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W989D6DB WINBOND-W989D6DB Datasheet
868Kb / 64P
   Standard Self Refresh Mode
W989D6KB WINBOND-W989D6KB Datasheet
1Mb / 66P
   Standard Self Refresh Mode
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com