Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR232M64PBG Datasheet(PDF) 6 Page - Micross Components

Part # AS4DDR232M64PBG
Description  iNTEGRATED Plastic Encapsulated Microcircuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M64PBG Datasheet(HTML) 6 Page - Micross Components

Back Button AS4DDR232M64PBG Datasheet HTML 2Page - Micross Components AS4DDR232M64PBG Datasheet HTML 3Page - Micross Components AS4DDR232M64PBG Datasheet HTML 4Page - Micross Components AS4DDR232M64PBG Datasheet HTML 5Page - Micross Components AS4DDR232M64PBG Datasheet HTML 6Page - Micross Components AS4DDR232M64PBG Datasheet HTML 7Page - Micross Components AS4DDR232M64PBG Datasheet HTML 8Page - Micross Components AS4DDR232M64PBG Datasheet HTML 9Page - Micross Components AS4DDR232M64PBG Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
iPEM
2.1 Gb SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.4 01/10
6
Micross Components reserves the right to change products or specifications without notice.
8
t
1
R
V
dabe
l
(
k C,
)
)
(
i
Hgh
7
7
i
Hgh
9
CK
t
V 1
V
V
Q
C
2
C
t
t
V
7
i
)
N
I
M
(
f
l
3
i
5
i
t
Tg
0
j
T
0
i
T
0
o
/
i
OC
t
l
f
0
l
T
)
2
(
)
3
(
t
1
t
Tc
T
0
8
D
I 3
D
I
ic
b
n
i
i
t
c e
l
a
i
OC
t
i
l
i
3
C
C
1
C
C
C
C
C
t
t
t
t
t
t
t
t
C
w
K C
=
T
M
A
H gZ
=
T
Tb0
w
R
w
R
M
w
R
M
w
R
D
0
R
R
M
=
W
m
w
R
D
a
N
4
O
O
=
O
O
O
M
M
M
M
M
M
-
-
h
Z
-
M
D
Z
-
M
O
O
D
M
E
e
D
m
T
M
E
M
E
s
e
M
E
E
D
O
E
D
O
V
LC
co
lc
C#
K
F
RC
n
Id
F
RC
S
O
M
L
E
V
E
L
W
O
L
D
T
V
E
K
T
T
:
p
u
r
e
o
P
n
a
C
C
t
s
#
K
N
I
M
s
μ
0
0
2
S
Q
D
S
S
E
R
D
D
A
CL
T
T
F
E
R
C
C
D
N
A
P
O
N
E
R
P
0
T
0
a
T
T
N
E
R
CL
CK
C
C
T
D
O
Q
D
s
n
0
0
4
0
0
2
cyc
o
s
e
CK
h
t
M
E
E
L
B
A
N
E
L
L
D
h
t
T
E
S
E
R
L
L
D
M
L
E
R
P
M
L
F
E
R
F
E
R
M
L
0
h
T
T
E
S
E
R
L
L
D
h
t
u
a
0
1
0
k
T
0
f
T
0
e
T
D
R
M
L
M
L
0
1
A
A
P
R
d0
8
1
_
L
T
S
S
L
E
V
E
L
O
L
L
A
V
L
A
V
a
s
e
t
a
k
a
e
r
M
L
h
t
x
E
1
1
M
L
m
r
o
n
o
t
a
r
e
p
O
e
t
o
n
e
e
S
e
e
S
e
t
o
n
E
D
E
D
0
1
A
E
D
E
D
E
D
D
R
D
R
D
R
D
R
A
P
R
D
R
D
R
FIGURE 4 - POWER-UP AND INITIALIZATION
Notes appear on page 7


Similar Part No. - AS4DDR232M64PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG-3/ET AUSTIN-AS4DDR232M64PBG-3/ET Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG-3/IT AUSTIN-AS4DDR232M64PBG-3/IT Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG-3/XT AUSTIN-AS4DDR232M64PBG-3/XT Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG-38/ET AUSTIN-AS4DDR232M64PBG-38/ET Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M64PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
   64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
   64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com