Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7457YE-02B1W1 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 7457YE-02B1W1
Description  Compatible with conventional PY21W lamp base
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

7457YE-02B1W1 Datasheet(HTML) 2 Page - OSRAM GmbH

  7457YE-02B1W1 Datasheet HTML 1Page - OSRAM GmbH 7457YE-02B1W1 Datasheet HTML 2Page - OSRAM GmbH 7457YE-02B1W1 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Electrical data
Nominal voltage
12.0 V
Nominal wattage
1.00 W
Dimensions & weight
Length
52.5 mm
Diameter
25.0 mm
Product weight
16.00 g
Additional product data
Base (standard designation)
BAU15s
Certificates & standards
ECE category
PY21W
Country specific categorizations
Order reference
7457YE-02B 1W 1
Product datasheet
__
December 12, 2016, 09:55:33
© 2016, OSRAM GmbH. All rights reserved.
PY21W S Amber
Page 2 of 3


Similar Part No. - 7457YE-02B1W1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
7457 FESTO-7457 Datasheet
85Kb / 1P
   Dynamic pressure transducer
logo
Myrra
74570 MYRRA-74570 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
logo
List of Unclassifed Man...
74571 ETC1-74571 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
logo
Molex Electronics Ltd.
745712100 MOLEX-745712100 Datasheet
296Kb / 5P
   IPASS CABLE ASSY 36CKT R/A RT EXIT TO STRAIGHT
2008/10/29
745712100 MOLEX-745712100 Datasheet
296Kb / 5P
   IPASS CABLE ASSY 36CKT R/A RT EXIT TO STRAIGHT
2008/10/29
More results

Similar Description - 7457YE-02B1W1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
7557YE-02B2W1 OSRAM-7557YE-02B2W1 Datasheet
190Kb / 3P
   Compatible with conventional PY21W lamp base
9213CW-02B3W1 OSRAM-9213CW-02B3W1 Datasheet
189Kb / 3P
   Compatible with conventional W16W lamp base
7456CW-02B2,5W OSRAM-7456CW-02B2,5W Datasheet
187Kb / 3P
   Compatible with conventional P21W lamp base
7556CW-02B2W1 OSRAM-7556CW-02B2W1 Datasheet
189Kb / 3P
   Compatible with conventional P21W lamp base
7905CW-02B3W1 OSRAM-7905CW-02B3W1 Datasheet
182Kb / 3P
   Compatible with conventional W21W lamp base
7705CW-02B2,5W OSRAM-7705CW-02B2,5W Datasheet
189Kb / 3P
   Compatible with conventional W21W lamp base
1557CW-02B2W1 OSRAM-1557CW-02B2W1 Datasheet
191Kb / 3P
   Compatible with conventional P21/5W lamp base
7915CW-02B3W1 OSRAM-7915CW-02B3W1 Datasheet
183Kb / 3P
   Compatible with conventional W21/5W lamp base
7715CW-02B2,5W OSRAM-7715CW-02B2,5W Datasheet
181Kb / 3P
   Compatible with conventional W21/5W lamp base
3557CW-02B2W1 OSRAM-3557CW-02B2W1 Datasheet
195Kb / 3P
   Compatible with conventional P27/7W lamp base
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com