Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF21125SR3 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF21125SR3
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF21125SR3 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MRF21125SR3 Datasheet HTML 3Page - Motorola, Inc MRF21125SR3 Datasheet HTML 4Page - Motorola, Inc MRF21125SR3 Datasheet HTML 5Page - Motorola, Inc MRF21125SR3 Datasheet HTML 6Page - Motorola, Inc MRF21125SR3 Datasheet HTML 7Page - Motorola, Inc MRF21125SR3 Datasheet HTML 8Page - Motorola, Inc MRF21125SR3 Datasheet HTML 9Page - Motorola, Inc MRF21125SR3 Datasheet HTML 10Page - Motorola, Inc MRF21125SR3 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MRF21125 MRF21125S MRF21125SR3
MOTOROLA RF DEVICE DATA
Figure 9. Series Equivalent Input and Output Impedance
f
MHz
Zin
ZOL*
2110
2140
2170
3.81 + j6.86
4.84 + j8.46
4.33 + j7.90
1.56 – j1.58
1.53 – j1.90
1.48 – j2.26
Zin
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the optimum load
impedance at a given output power, voltage,
IMD, bias current and frequency.
VDD = 28 V, IDQ = 1600 mA, Pout = 20 W (Avg.),
2-Carrier W-CDMA
Note 1: ZOL* was chosen based on tradeoffs between gain, output
power, drain efficiency and intermodulation distortion.
Zo = 10 Ω
Zin
ZOL*
2170 MHz
f = 2110 MHz
Note 2: Measurements were taken on the MRF21125 test circuit
with SMA Launchers.
2170 MHz
f = 2110 MHz
Z in
Z OL*
Input
Matching
Network
Device
Under Test
Output
Matching
Network


Similar Part No. - MRF21125SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF21125SR3 FREESCALE-MRF21125SR3 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF21125SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com