Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WHA200FE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # WHA200FE
Description  Encapsulated by epoxy molding compound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WHA200FE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  WHA200FE Datasheet HTML 1Page - Ohmite Mfg. Co. WHA200FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
102
Series
Ohms
Power
A = 0.5
B =1
C = 2
D = 3
E = 5
Tolerance
F = 1%
J = 5%
D = 0.5%
Package
T = Tape
blank = 25pc
pack
RoHS compliant
H = Inductive
N = Non Inductive
Part marking:
0.50, 1.0, 2.0 watt parts
marked with 5-band color code,
3.0 and 5.0 watt parts marked
with part number stamping
Standard part numbers
Wattage: 0.5
0.5
1.0
1.0
2.0
2.0
3.0
3.0
5.0
5.0
Series:
WHA
WNA
WHB
WNB
WHC
WNC
WHD
WND
WHE
WNE
Ohms
0.1
WHAR10FE WNAR10FE WHBR10FE WNBR10FE WHCR10FE WNCR10FE WHDR10FE WNDR10FE WHER10FE WNER10FE
0.25
WHAR25FE WNAR25FE WHBR25FE WNBR25FE WHCR25FE WNCR25FE
0.5
WHAR50FE WNAR50FE WHBR50FE WNBR50FE WHCR50FE WNCR50FE WHDR50FE WNDR50FE WHER50FE WNER50FE
0.75
WHAR75FE WNAR75FE WHBR75FE WNBR75FE WHCR75FE WNCR75FE
1
WHA1R0FE WNA1R0FE WHB1R0FE WNB1R0FE WHC1R0FE WNC1R0FE WHD1R0FE WND1R0FE WHE1R0FE WNE1R0FE
2
WHA2R0FE WNA2R0FE WHB2R0FE WNB2R0FE WHC2R0FE WNC2R0FE
4
WHA4R0FE WNA4R0FE WHB4R0FE WNB4R0FE WHC4R0FE WNC4R0FE
5
WHA5R0FE WNA5R0FE WHB5R0FE WNB5R0FE WHC5R0FE WNC5R0FE WHD5R0FE WND5R0FE WHE5R0FE WNE5R0FE
10
WHA10RFE WNA10RFE WHB10RFE WNB10RFE WHC10RFE WNC10RFE WHD10RFE WND10RFE WHE10RFE WNE10RFE
15
WHA15RFE WNA15RFE WHB15RFE WNB15RFE WHC15RFE WNC15RFE WHD15RFE WND15RFE WHE15RFE WNE15RFE
25
WHA25RFE WNA25RFE WHB25RFE WNB25RFE WHC25RFE WNC25RFE
51
WHA51RFE WNA51RFE WHB51RFE WNB51RFE WHC51RFE WNC51RFE
75
WHA75RFE WNA75RFE WHB75RFE WNB75RFE WHC75RFE WNC75RFE
100
WHA100FE WNA100FE WHB100FE WNB100FE WHC100FE WNC100FE WHD100FE WND100FE WHE100FE WNE100FE
150
WHA150FE WNA150FE WHB150FE WNB150FE WHC150FE WNC150FE
200
WHA200FE WNA200FE WHB200FE WNB200FE WHC200FE WNC200FE
250
WHA250FE WNA250FE WHB250FE WNB250FE WHC250FE WNC250FE WHD250FE WND250FE WHE250FE WNE250FE
330
WHA330FE
WHB330FE WNB330FE WHC330FE WNC330FE
470
WHA470FE
WHB470FE WNB470FE WHC470FE WNC470FE
560
WHA560FE
WHB560FE WNB560FE WHC560FE WNC560FE WHD560FE WND560FE WHE560FE WNE560FE
750
WHA750FE
WHB750FE WNB750FE WHC750FE WNC750FE
1K
WHA1K0FE
WHB1K0FE WNB1K0FE WHC1K0FE WNC1K0FE WHD1K0FE WND1K0FE WHE1K0FE WNE1K0FE
2.5K
WHB2K5FE
WHC2K5FE
WND2K5FE
5K
WHD5K0FE
WHE5K0FE WNE5K0FE
10K
WHD10KFE
WHE10KFE WNE10KFE
25K
WHE25KFE
P er FO rma N ce c H aracteri S tic S
Test Conditions of Test
Performance
Thermal shock
Environmental chamber, -55°C +0°C, -3°C to 150°C +3°C, -0°C,
5 cycles, minimum 15 min. at each extreme
±(1.0% + 0.5mΩ)ΔR
Short-time overload
Overload voltage 5x rated wattage for 5 sec.
±(0.5% + 0.5mΩ)ΔR
Solderability
Bath temp. 260°C ±5°, immersion time 5 sec. ±0.5, JIS C 5201
4.18
>90% of contact face
covered new solder
Resistance to solder
heat
Bath temp. 260°C ±5°, immersion time 5 sec. ±0.5, JIS C 5201
4.18
±(0.5% + 0.5mΩ)ΔR
Dielectric withstanding
voltage
Magnitude of test voltage >500 volts rms.; duration 1 min.
Pass
Insulation resistance
Magnitude of test voltage 500 volts rms. ±10%; duration 1 min. >109Ω
High Temperature
Exposure
Exposed to an ambient temperature of 175°C +5°/-0° for 250 ±8
hours
±(1.0% + 0.5mΩ)ΔR
Low Temperature
Storage
At a temperature of -65°C ±2° for a period of 24 hours ±4
±(0.5% + 0.5mΩ)ΔR
Life
Test temp. at 70°C ±2°, rated DC continuous working voltage
applied, 1.5 hours on and 0.5 hours off, 1000 hours
±(2.0% + 0.5mΩ)ΔR
WH/WN Series
Miniature Molded Wirewound
H OW t O O rder


Similar Part No. - WHA200FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WHA200FE OHMITE-WHA200FE Datasheet
119Kb / 1P
   Miniature Molded Wirewound
WHA200FE OHMITE-WHA200FE Datasheet
168Kb / 2P
   WH precision series
More results

Similar Description - WHA200FE

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC8D28 SUMIDA-CDMC8D28_11 Datasheet
144Kb / 4P
   Metal compound molding type construction.
CDMC80D50AA SUMIDA-CDMC80D50AA Datasheet
221Kb / 4P
   Metal compound molding type construction
logo
Clairex Technologies, I...
CL9P5LQ CLAIREX-CL9P5LQ Datasheet
100Kb / 1P
   Epoxy-encapsulated Photoconductors
logo
List of Unclassifed Man...
832WC ETC-832WC Datasheet
170Kb / 8P
   Optically Clear Epoxy, Encapsulating & Potting Compound
07 February 2020
logo
3M Electronics
DP270 3M-DP270 Datasheet
225Kb / 8P
   Scotch-WeldTM Epoxy Potting Compound/Adhesive
logo
Banner Engineering Corp...
T18-2 BANNER-T18-2 Datasheet
694Kb / 10P
   Epoxy Encapsulated Right-Angle Sensor
logo
Micro Electronics
MS61D MICRO-ELECTRONICS-MS61D Datasheet
57Kb / 1P
   SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MSB62D MICRO-ELECTRONICS-MSB62D Datasheet
56Kb / 1P
   SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com