Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF21125 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF21125
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF21125 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF21125 Datasheet HTML 1Page - Motorola, Inc MRF21125 Datasheet HTML 2Page - Motorola, Inc MRF21125 Datasheet HTML 3Page - Motorola, Inc MRF21125 Datasheet HTML 4Page - Motorola, Inc MRF21125 Datasheet HTML 5Page - Motorola, Inc MRF21125 Datasheet HTML 6Page - Motorola, Inc MRF21125 Datasheet HTML 7Page - Motorola, Inc MRF21125 Datasheet HTML 8Page - Motorola, Inc MRF21125 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MRF21125 MRF21125S MRF21125SR3
4
MOTOROLA RF DEVICE DATA
Figure 1. MRF21125 Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VGG
C1
+
Z3
Z4
DUT
VDD
+
Z13
Z5
Z9
Z10
Z8
C4
C5
C16
C8
C9
C10
C11
C12
C6
C7
+
+
C2
C3
Z11
Z12
C15
R4
W1
C13
C14
R2
R1
Z9
0.179
″ x 0.219″ Microstrip
Z10
0.100
″ x 0.336″ Microstrip
Z11
0.534
″ x 0.142″ Microstrip
Z12
0.089
″ x 0.080″ Microstrip
Z13
0.620
″ x 0.080″ Microstrip
Raw Board
0.030
″ Glass Teflon, 2 oz Copper,
Material
3
″ x 5″ Dimensions,
Arlon GX0300–55–22,
εr = 2.55
Z1
1.212
″ x 0.082″ Microstrip
Z2
0.236
″ x 0.082″ Microstrip
Z3
0.086
″ x 0.254″ Microstrip
Z4
0.357
″ x 0.082″ Microstrip
Z5
0.274
″ x 1.030″ Microstrip
Z6
0.466
″ x 0.050″ Microstrip
Z7
0.501
″ x 0.050″ Microstrip
Z8
0.600
″ x 1.056″ Microstrip
Z6
Z7
+
R3
B1
+
Table 1. MRF21125 Test Circuit Component Designations and Values
Designators
Description
B1
Ferrite Bead (Square), Fair Rite #2743019447
C1
9.1 pF Chip Capacitor, B Case, ATC #100B9R1CCA500X
C2, C4, C11, C12
22
µF, 35 V Tantalum Surface Mount Chip Capacitors, Kemet #T491X226K035AS4394
C3, C7
20000 pF Chip Capacitors, B Case, ATC #100B203JCA50X
C5, C14
5.1 pF Chip Capacitors, B Case, ATC #100B5R1CCA500X
C6
100000 pF Chip Capacitor, B Case, ATC #100B104JCA50X
C8
10000 pF Chip Capacitor, B Case, ATC #100B103JCA50X
C9
7.5 pF Chip Capacitor, B Case, ATC #100B7R5CCA500X
C10
1.2 pF Chip Capacitor, B Case, ATC #100B1R2CCA500X
C13
0.1
µF Chip Capacitor, Kemet #CDR33BX104AKWS
C15
16 pF Chip Capacitor, B Case, ATC #100B160KP500X
C16
0.6 – 4.5 pF Variable Capacitor, Johanson Gigatrim #27271SL
R1
1.0 k
Ω, 1/8 W Chip Resistor
R2
560 k
Ω, 1/8 W Chip Resistor
R3
4.7
Ω, 1/8 W Chip Resistor
R4
12
Ω, 1/8 W Chip Resistor
W1
Solid Copper Buss Wire, 16 AWG


Similar Part No. - MRF21125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF21125 FREESCALE-MRF21125 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors
MRF21125SR3 FREESCALE-MRF21125SR3 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF21125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com