Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLRH100E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WLRH100E
Description  Standard is 600 volts maximum to ground
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WLRH100E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WLRH100E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
87
Chara C teristi C s
WLrh series
Heliohm Wirewound
Dimensions
or D ering information
The WLRH is a tough, versatile resistor appropriate
for the following applications: motor starting and
speed control, neutral grounding, lighting ballasts,
and A.C. compressor buffers. This resistor can also
be used in heating applications. Choose from 45
models ranging from 0.25 to 250 Ohms to best fit
your specific requirements.
Resistors feature nickel-copper, nickel-chrome or
stainless steel wire wound in a double helix around
the center core, depending on size and model. All
have ceramic cores with a spiral groove to grip the
coiled wire. The 90° flat bus style terminals are cor-
rosion resistant stainless steel.
Other mounting options are available; contact us
about your specific requirements.
o P tions
Inquires are welcome regarding special resistance
values, frames, screened enclosures, heat shields
and packages.
WLRHR25E
0.25
32
WLRHR30E
0.3
31
WLRHR33E
0.33
30
WLRHR35E
0.35
29
WLRHR50E
0.5
27
WLRHR70E
0.7
22
WLRH1R0E
1
18
WLRH1R4E
1.4
15.5
WLRH1R5E
1.5
15
WLRH1R9E
1.9
13.3
WLRH2R0E
2
13
WLRH2R2E
2.2
12.5
Part
Cont. Amp
Number
Ohms
Rating
Part
Cont. Amp
Number
Ohms
Rating
Part
Cont. Amp
Number
Ohms
Rating
Part
Cont. Amp
Number
Ohms
Rating
Current Rating 1.0 - 32.0 Amps continuous
Wattage Rating Wattages can be calculated using I2R from
the data in the standard resistance value
table. These are maximums for continuous
duty allowing a 375°C temperature rise.
Working Voltage Standard is 600 volts maximum to ground
Resistance Tolerance ±10%
Ohmic Values Ohmic values listed in the table are at 25°C
±10%
Mounting Resistors can be mounted in various
options
WLRH2R5E
2.5
12
WLRH3R2E
3.2
10.8
WLRH3R5E
3.5
10.5
WLRH4R0E
4
10
WLRH4R6E
4.6
9.2
WLRH4R8E
4.8
8.8
WLRH5R0E
5
8.5
WLRH5R5E
5.5
8
WLRH5R8E
5.8
7.7
WLRH6R0E
6
7.6
WLRH6R5E
6.5
7.4
WLRH7R0E
7
7.3
WLRH7R5E
7.5
7.2
WLRH8R0E
8
7.1
WLRH8R5E
8.5
7
WLRH8R6E
8.6
6.8
WLRH10RE
10
6.2
WLRH11RE
11
6.1
WLRH11R5E
11.5
5.9
WLRH12RE
12
5.8
WLRH15RE
15
5.3
WLRH20RE
20
4.6
WLRH27RE
27
3.6
WLRH36RE
36
3
WLRH45RE
45
2.5
WLRH62RE
62
2
WLRH80RE
80
1.8
WLRH100E
100
1.6
WLRH125E
125
1.4
WLRH150E
150
1.3
WLRH175E
175
1.2
WLRH200E
200
1.1
WLRH250E
250
1
Standard Resistance Values
7.25"
5.875"
0.5"
1.5"


Similar Part No. - WLRH100E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLRH1R0E OHMITE-WLRH1R0E Datasheet
134Kb / 1P
   1.0 - 32.0 Amps continuous
WLRH1R4E OHMITE-WLRH1R4E Datasheet
134Kb / 1P
   1.0 - 32.0 Amps continuous
More results

Similar Description - WLRH100E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF501 MCC-PF501_07 Datasheet
68Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 600 Volts
logo
Solid States Devices, I...
90097-1 SSDI-90097-1 Datasheet
199Kb / 2P
   9 AMP 200-600 VOLTS STANDARD RECOVERY RECTIFIER
SPD645-1 SSDI-SPD645-1 Datasheet
155Kb / 2P
   400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
logo
Micro Commercial Compon...
PF251 MCC-PF251_11 Datasheet
417Kb / 3P
   25Amp Rectifier 50 to 600 Volts
logo
Marathon Special Produc...
6CC30AXSQ MARATHON-6CC30AXSQ Datasheet
309Kb / 3P
   600 Volts AC
REV-D 02/19/2019
R6J60AXB MARATHON-R6J60AXB Datasheet
230Kb / 3P
   600 Volts AC
REV-E 05/05/2019
6CC30AXB MARATHON-6CC30AXB Datasheet
196Kb / 3P
   600 Volts AC
REV-E 01/08/2019
R6T60AXB MARATHON-R6T60AXB Datasheet
640Kb / 3P
   600 Volts AC
02/04/22
6CC30AXBCU MARATHON-6CC30AXBCU Datasheet
200Kb / 3P
   600 Volts AC
REV-D 02/19/2019
6J400AXBFBD MARATHON-6J400AXBFBD Datasheet
418Kb / 3P
   600 Volts AC
09/08/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com