Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1285 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1285
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1285 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1285 Datasheet HTML 1Page - Maxim Integrated Products MAX1285 Datasheet HTML 2Page - Maxim Integrated Products MAX1285 Datasheet HTML 3Page - Maxim Integrated Products MAX1285 Datasheet HTML 4Page - Maxim Integrated Products MAX1285 Datasheet HTML 5Page - Maxim Integrated Products MAX1285 Datasheet HTML 6Page - Maxim Integrated Products MAX1285 Datasheet HTML 7Page - Maxim Integrated Products MAX1285 Datasheet HTML 8Page - Maxim Integrated Products MAX1285 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 12-Bit ADCs with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1285 (continued)
(VDD = +2.7V to +3.0V; fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC SPECIFICATIONS (75kHz sine wave, 2.5Vp-p, fSAMPLE = 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise Plus Distortion
Ratio
SINAD
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Intermodulation Distortion
IMD
fIN1 = 73kHz, fIN2 = 77kHz
76
dB
Full-Power Bandwidth
-3dB point
3
MHz
Full-Linear Bandwidth
SINAD > 68dB
250
kHz
CONVERSION RATE
Conversion Time (Note 4)
tCONV
3.3
µs
Track/Hold Acquisition Time
tACQ
625
ns
Aperture Delay
10
ns
Aperture Jitter
<50
ps
Serial Clock Frequency
tSCLK
0.5
4.8
MHz
Duty Cycle
40
60
%
ANALOG INPUT (AIN)
Input Voltage Range
VAIN
0
2.5
V
Input Capacitance
18
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
2.48
2.50
2.52
V
REF Short-Circuit Current
TA = +25°C15
mA
REF Output Tempco
TC VREF
±15
ppm/°C
Load Regulation (Note 5)
0 to 0.75mA output load
0.1
2.0
mV/mA
Capacitive Bypass at REF
4.7
10
µF
DIGITAL INPUTS (SCLK, CS, SHDN)
Input High Voltage
VINH
2.0
V
Input Low Voltage
VINL
0.8
V
Input Hysteresis
VHYST
0.2
V
Input Leakage
IIN
VIN = 0 or VDD
±1
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT)
Output Voltage Low
VOL
ISINK = 5mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.5mA
4
V
Three-State Leakage Current
IL
CS = +3V
±10
µA
Three-State Output Capacitance
COUT
CS = +3V
15
pF
POWER SUPPLY
Positive Supply Voltage (Note 6)
VDD
2.7
3.6
V
Positive Supply Current (Note 7)
IDD
VDD = +3.6V
2.5
3.5
mA
Shutdown Supply Current
ISHDN
SCLK = VDD, SHDN = GND
2
10
µA
Power-Supply Rejection
PSR
VDD = +2.7V to 3.6V, midscale input
±0.5
±2.0
mV


Similar Part No. - MAX1285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1285BCSA++ MAXIM-MAX1285BCSA+ Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1285BESA++ MAXIM-MAX1285BESA+ Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com