Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA-T220-51E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # EA-T220-51E
Description  Vertical through-hole PCB mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

EA-T220-51E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  EA-T220-51E Datasheet HTML 1Page - Ohmite Mfg. Co. EA-T220-51E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
175
Land Pattern
Standard part numbers
Part Number
Description
Packaging
EV-T220-38E
Heat sink for TO-220, no finish (degreased)
Bulk
EA-T220-38E
Heat sink for TO-220, black anodized
Bulk
EV-T220-51E
Heat sink for TO-220, no finish (degreased)
Bulk
EA-T220-51E
Heat sink for TO-220, black anodized
Bulk
EV-T220-64E
Heat sink for TO-220, no finish (degreased)
Bulk
EA-T220-64E
Heat sink for TO-220, black anodized
Bulk
EV-T220-51E
Series
Package type
to be heatsinked
Height
(mm)
Finish
A = black anodized
V = degreased
RoHS Compliant
0.630"
(16.00mm ±.20)
0.50"
(12.70mm)
0.055"
(1.40mm)
0.689"
(17.50mm ±.15)
0.437"
(11.10mm ±.30)
1.00"
(25.40mm)
ø0.098"
(2.50mm)
1.378"
(35.00mm ±.20)
0.196"
(5.0mm ±.20)
0.138"
(3.50mm +.20/-.10)
0.720"
(18.30mm ±.20)
1.00"
(25.40mm ±.20)
Height H
ø0.142"
(3.60mm +.10/-0)
0.500"
(12.70mm)
0.031"
(0.79mm)
ø 0.105"
(2.67mm)
Device
Center
Line
NOTICE: Dimensional
change. Dimensions shown
are for products produced
after July 2013
Height
Part Number
(in. ±.010 / mm ±.25)
EV-T220-38E
1.5 / 38.10
EA-T220-38E
EV-T220-51E
2.0 / 50.80
EA-T220-51E
EV-T220-64E
2.5 / 63.50
EA-T220-64E
E Series Heatsinks
For TO-220 devices
dim ENS i ONS
(in./mm)
O rd E ri N g i NFO rmati ON


Similar Part No. - EA-T220-51E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EA-T220-51E OHMITE-EA-T220-51E Datasheet
269Kb / 1P
   E Series Heatsinks
EA-T220-51E OHMITE-EA-T220-51E Datasheet
5Mb / 2P
   A HEAT SINK IS A MASS OF THERMALLY CONDUCTIVE MATERIAL
EA-T220-51E OHMITE-EA-T220-51E Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
More results

Similar Description - EA-T220-51E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
logo
Bel Fuse Inc.
SS-60400-004 BEL-SS-60400-004 Datasheet
1,002Kb / 2P
   VERTICAL CAT 6 SEALJACK, WITH THROUGH HOLE MOUNTING
Rev. B1
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
logo
List of Unclassifed Man...
2211S-03G ETC2-2211S-03G Datasheet
127Kb / 1P
   PCB Through Hole Header - Single Row Vertical
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
76650-0235 MOLEXKITS-76650-0235 Datasheet
22Kb / 3P
   PCB Through Hole
logo
Bel Fuse Inc.
SS-60400-010 BEL-SS-60400-010 Datasheet
1Mb / 3P
   VERTICAL CAT 6 SEALJACK, 4 PORT, WITH THROUGH HOLE MOUNTING
Rev. B1
logo
Molex Electronics Ltd.
0731740950 MOLEX-0731740950_V01 Datasheet
59Kb / 1P
   75 Ohms, DIN 1.0/2.3 Jack, Vertical, PCB Through Hole
logo
C&K Components
MDMDP CK-COMPONENTS-MDMDP Datasheet
239Kb / 2P
   TERMINALS: Through hole PCB terminations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com