Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES-WL Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-WL
Description  Very low inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-WL Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-WL Datasheet HTML 1Page - Ohmite Mfg. Co. RES-WL Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
50
characteristics
Ceramic Core CeramTec Rubalit® 96% alumina
End Caps Stainless steel, precision formed
Leads Copper wire, 100% Sn (Lead Free) coated
Resistance Wire CN49W alloy TC ±20ppm/°C
Encapsulation SUMICON 1100/1200 Epoxy molding compound for IC encapsulation
Standard Tolerance F (1.0%), J (5.0%)
Temperature Coefficient ±300ppm/°C for ≤0.03Ω; ±100ppm/°C for ≥0.033Ω
Maximum Working Voltage √PxR
WL series
Miniature Wirewound
Current Sense
Type
Power Rating (watts)
Resistance Range (
Ω)
WLA
0.5
0.005-0.100
WLB
1
0.005-0.100
WLC
2
0.010-0.100
Test Conditions Of Test
Performance
Thermal Shock Rated power applied until thermal stability, -55°C +0°C,-5°C,15min.
±2.0%
Short-time Overload 5 times rated wattage for 5 seconds
±2.0%
Solderability Method 208 of MIL-STD-202
±2.0%
Terminal Strength Pull test:10 pounds, 5 to10 seconds, Twist test: 1080°, 5 second/rotation
±1.0%
Dielectric Withstanding Voltage 500 Volts rms for 1W. 1 minute
±1.0%
High Temperature Exposure Exposed to an ambient temperature of 275 +5/-0°C for 250 ±8 hours,
±5.0%
Moisture Resistance MIL-STD-202 Method 106, 7b not applicable
±2.0%
Low Temperature Storage Cold chamber at a temperature of -65 ±2°C for 24 ±4 hours
±2.0%
Vibration, High Frequency Frequency varied 10 to 2000Hz, 200G peak, 2 directions 6 hours each
±1.0%
Load Life 1000/2000 hours at rated power, +25°C, 1.5 hours “On”, 0.5 hours “Off”
±5.0%
100
Ambient Temperature, ϒC
60
20
0
80
40
25 50
100
175
75
0
125 150
Fea tures
•Ultra-lowohmicvalueseriesforCurrentSensing
applications
•Verylowinductance(<1nHat1MHzTest)
•Miniaturizeddimensions,Betterpowertodimen-
sionratios
•Useofthehighestqualitystandard(96%Alumina)
ceramiccore
•Manufacturingprocess–Wirewinding/Spot
Welding–byComputerNumericalControl(CNC)
machinetoolstoensureconsistencyofproduct
quality.
•Encapsulatedbyepoxymoldingcompound
•AdvancedICencapsulationmold/dietechnologies
Derating
P er FO r M a N ce D ata
series s P eci F icati ON s
(continued)


Similar Part No. - RES-WL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-WLRD6G OHMITE-RES-WLRD6G Datasheet
189Kb / 2P
   Continuous duty as listed below
RES-WLRH OHMITE-RES-WLRH Datasheet
206Kb / 1P
   Standard is 600 volts maximum to ground
More results

Similar Description - RES-WL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TCH35 OHMITE-RES-TCH35 Datasheet
333Kb / 2P
   Very Low Inductance Design
logo
Vishay Siliconix
VS-GB100DA60UP VISHAY-VS-GB100DA60UP Datasheet
170Kb / 9P
   Very low internal inductance
Revision: 13-Sep-13
WSL18HP VISHAY-WSL18HP Datasheet
119Kb / 4P
   Very low inductance 0.5 nH to 5 nH
Revision: 10-Aug-16
VS-100MT060WSP VISHAY-VS-100MT060WSP Datasheet
248Kb / 12P
   Very low stray inductance design for high speed operation
Revision: 10-Jun-15
logo
Microchip Technology
MSCSM170AM058CT6LIAG MICROCHIP-MSCSM170AM058CT6LIAG Datasheet
883Kb / 17P
   Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM029CT6LIAG MICROCHIP-MSCSM170AM029CT6LIAG Datasheet
870Kb / 17P
   Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
ACL-AP725 OHMITE-ACL-AP725 Datasheet
412Kb / 2P
   Low inductance
logo
M/A-COM Technology Solu...
KSV14XX MA-COM-KSV14XX Datasheet
395Kb / 2P
   Low Inductance
logo
Unisonic Technologies
M29150A UTC-M29150A Datasheet
413Kb / 9P
   1.5A, VERY LOW DROP 1.5A, VERY LOW DROP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com