Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWW10 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TWW10
Description  Wide resistance range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TWW10 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TWW10 Datasheet HTML 1Page - Ohmite Mfg. Co. TWW10 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
96
TWM/TWW Series
Ceramic Housed Radial Terminal Power
Series
Wattage
Resistance
Voltage
Element
TWW3
3
0.01-39
Ω
250
Wire
TWW5
5
0.01-47
Ω
350
Wire
TWW10
10
0.04-990
Ω
750
Wire
TWM3
3
43-50K
Ω
250
Metal oxide
TWM5
5
51-50K
Ω
350
Metal oxide
TWM10
10
1000-50K
Ω
750
Metal oxide
Derating
100
Ambient Temperature, C
60
20
0
275
80
40
100
200
250
70
150
Housing Ceramic
Core Fiberglass
Filling Cement based
Tolerance 5% standard
Temperature coefficient 0.01-20Ω ±400ppm/°C;
>20-10Ω ±350ppm/°C
Dielectric withstanding voltage 1,000VAC
Short time overload TWW: 10x rated power for 5 sec.;
TWM: 5x rated power for 5 sec.
Operating Temperature -55°C to 275°C
Storage Temperature 15℃-35℃, humidity: 25%-75%
The TWM/TWW series radial terminal power resis-
tors offer significant board space savings over axial
terminal products. Generated heat is also kept away
from the circuit board.
They are recommended for commercial applica-
tions requiring low cost.
Fea T ure S
•EconomicalCommercialGradeforgeneralpurpose
use
•WirewoundandMetalOxideconstruction
•Wideresistancerange
•Flameproofinorganicconstruction
S er I e S SP e CIFIC aTIONS
C hara CT er ISTICS
(continued)


Similar Part No. - TWW10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWW10 OHMITE-TWW10 Datasheet
481Kb / 2P
   Ceramic Housed Radial Terminal Power
TWW10JR05E OHMITE-TWW10JR05E Datasheet
111Kb / 1P
   Ceramic Housed Radial Terminal Power
More results

Similar Description - TWW10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
   Wide Resistance Range
RES-TUW-TUM OHMITE-RES-TUW-TUM Datasheet
383Kb / 2P
   Wide resistance range
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
   Wide Resistance Range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
   Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
   Low TCRs over a wide resistance range
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com