Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNP10SC200RFE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TNP10SC200RFE
Description  Values listed below; others on request
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TNP10SC200RFE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TNP10SC200RFE Datasheet HTML 1Page - Ohmite Mfg. Co. TNP10SC200RFE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
152
TNP10 Series
Thin Film TO-126 Resistor
Ohmite offers a high power heatsinkable TO-126 packaged
resistor. They can achieve 1W in free air and 10W when
attached to a proper heatsink. The non-inductive design is ideal
for high speed circuits. These models exhibit low noise, high
frequency operation and high density installation. Applications
include: Constant current sources, electronic load circuits, LSI
tests, measurement, audio PA systems and motor control.
Derating
Coonstruction
Temperature Rise
charac T eri ST ic S
S P ecificaT io NS
(continued)
Flange Temp. (°C)
8
4
2
0
-55°
50°
25°
100° 155° 200°
10
6
*with 2.8K/W heatsink
Applied Power (W)
90
30
0
0
2.5
5
7.5
10
120
60
Leads (tin plated Cu)
Molding (epoxy UL94-VO)
Conductor (Cu)
Resistor (Ni-Cr or RuO)
Substrate (alumina)
Flange (Ni plated Cu)
Resistance Range Values listed below; others on request
Temp. Range -55°C to +155°C
Rated Temperature +25°C
Rated Power 10W (-55 to 25°C flange temperature),
1W free air
Item Performance
Condition
Dielectric
Withstanding
Voltage
2000VAC
60 sec., between termi-
nals and flange
Insulation
Resistance
Over 1000MΩ
Between terminals and
flange
Moisture
Resistance
±(1.0%+0.05Ω)
60°C, 90 to 95%RH, DC
0.1W, 1000 hrs.
Load Life ±(1.0%+0.05Ω)
25°C, 90min. ON, 30min.
OFF, 1000hrs
Soldering Heat ±(1.0%+0.05Ω)
350 ±5°C, 3 sec.
Solderability Over 95% of surface 230 ±5°C, 3 sec.
Vibration ±0.25%
IEC 60068-2-6
Resistance
TCR
Heat
Series
Wattage*
Range (Ω)
Tolerance
(ppm/°C) Resistance**
0.09-0.1
5% (J)
±250
TNP10S
10W
0.1-9.1
±1% (F), 5% (J)
±100
5.9°C/W
10-51K
±1% (F)
±50
* Flange temp. -55° - 25°C; 1W at free air **From hot spot to flange
THIS PRODUCT IS DESIGNED
FOR USE WITH PROPER
HEATSINKING.
Maximum base plate temperature of the resistor
must be monitored and kept within speci-
fied limits to establish the power rating. Best
technique is to attach a thermocouple to the side
of the base plate of the resistor. Temperature of
plastic housing or heat sink cannot be used to
establish rating of the resistor.


Similar Part No. - TNP10SC200RFE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
   Power Thun Film Resistors
More results

Similar Description - TNP10SC200RFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
RES-WLRD6G OHMITE-RES-WLRD6G Datasheet
189Kb / 2P
   Continuous duty as listed below
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com