Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUW15 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TUW15
Description  Wide resistance range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TUW15 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TUW15 Datasheet HTML 1Page - Ohmite Mfg. Co. TUW15 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
99
TUM/TUW Series
Ceramic Housed Axial Terminal Power
O rder IN g INFO r M aTION
d IM e NSIONS
(in./mm)
Standard part numbers for TUW/TUM series
0.01 –––R01E  
0.01 –––R01E  
0.02 –––R02E  
0.04 –––R04E  
0.05 –––R05E  
0.10 –––R10E     
0.15 –––R15E     
0.20 –––R20E     
0.27 –––R27E     
0.30 –––R30E     
0.33 –––R33E     
0.39 –––R39E     
0.43 –––R43E     
0.47 –––R47E     
0.56 –––R56E     
0.68 –––R68E     
0.75 –––R75E     
0.82 –––R82E     
1.0 –––1R0E     
1.5 –––1R5E     
2.0 –––2R0E     
2.7 –––2R7E     
3.0 –––3R0E     
3.3 –––3R3E     
3.9 –––3R9E     
4.3 –––4R3E     
4.7 –––4R7E     
5.6 –––5R6E     
6.8 –––6R8E     
7.5 –––7R5E     
8.2 –––8R2E     
10
–––10RE     
15
–––15RE     
20
–––20RE     
27
–––27RE     
30
–––30RE     
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
33
–––33RE     
39
–––39RE     
43
–––43RE     
47
–––47RE     
56
–––56RE     
68
–––68RE     
75
–––75RE     
82
–––82RE     
100
–––100E     
150
–––150E     
200
–––200E     
270
–––270E     
300
–––300E     
330
–––330E     
390
–––390E     
430
–––430E     
470
–––470E     
560
–––560E     
680
–––680E     
750
–––750E     
820
–––820E     
1000
–––1K0
1500
–––1K5
2000
–––2K0
2700
–––2K7
3000
–––3K0
3300
–––3K3
3900
–––3K9
4300
–––4K3
4700
–––4K7
5600
–––5K6
6800
–––6K8
7500
–––7K5
8200
–––8K2
10000 –––10K
Shadedarea:changeprefixtoTUM
Series
TUM = Ceramic Housed
Metal Oxide
TUW = Ceramic Housed
Wirewound
Tolerance
J = 5%
Resistance Value
Example:
R50=0.50Ω
1R0=1Ω
8R2=8.2Ω
250=250Ω
1K0=1,000Ω
8K2=8,200Ω
10K=10,000Ω
TUM3J8R2E
Wattage
3
5
7
10
15
E = RoHS compliant
L
H
1.38" ±.197
35mm ±5
(32mm on 3w)
0.03" ±.002
0.8mm ±.05
(0.7mm on 3w)
W
Length
Height
Width
Series
Wattage
(±1mm)
(±1mm)
(±1mm)
TUW3
3
0.87 / 22
0.31 / 8
0.31 / 8
TUW5
5
0.87 / 22
0.35 / 9
0.39 / 10
TUW7
7
1.48 / 35
0.35 / 9
0.39 / 10
TUW10
10
1.93 / 49
0.35 / 9
0.39 / 10
TUW15
15
1.93 / 49
0.45/11.5
0.49 / 12.5
TUM3
3
0.87 / 22
0.31 / 8
0.31 / 8
TUM5
5
0.87 / 22
0.35 / 9
0.39 / 10
TUM7
7
1.48 / 35
0.35 / 9
0.39 / 10
TUM10
10
1.93 / 49
0.35 / 9
0.39 / 10
TUM15
15
1.93 / 49
0.45/11.5
0.49 / 12.5


Similar Part No. - TUW15

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TUW15 OHMITE-TUW15 Datasheet
382Kb / 2P
   Ceramic Housed Axial Terminal Power
TUW15J8R2E OHMITE-TUW15J8R2E Datasheet
119Kb / 1P
   Ceramic Housed Axial Terminal Power
More results

Similar Description - TUW15

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
   Wide Resistance Range
RES-TWW-TWM OHMITE-RES-TWW-TWM Datasheet
461Kb / 2P
   Wide resistance range
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
   Wide Resistance Range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
   Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
   Low TCRs over a wide resistance range
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com